Electronic Components Datasheet Search
  English  ▼

X  

HC230 Datasheet(PDF) 62 Page - Altera Corporation

Part # HC230
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC230 Datasheet(HTML) 62 Page - Altera Corporation

Back Button HC230 Datasheet HTML 58Page - Altera Corporation HC230 Datasheet HTML 59Page - Altera Corporation HC230 Datasheet HTML 60Page - Altera Corporation HC230 Datasheet HTML 61Page - Altera Corporation HC230 Datasheet HTML 62Page - Altera Corporation HC230 Datasheet HTML 63Page - Altera Corporation HC230 Datasheet HTML 64Page - Altera Corporation HC230 Datasheet HTML 65Page - Altera Corporation HC230 Datasheet HTML 66Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 228 page
background image
4–20
Altera Corporation
September 2008
HardCopy Series Handbook, Volume 1
Tables 4–30 and 4–31 define the specification for internal termination
specification when using series or differential on-chip termination.
Table 4–30. Series On-Chip Termination Specification for I/O Banks Supporting Memory Interface IOEs
Notes (1), (2), (3)
Symbol
Description
Conditions
Resistance Tolerance
Commercial
Max
Industrial
Max
Unit
25
Ω R
S
3.3/2.5
Internal series termination with
calibration (25-
Ω setting)
VCC IO = 3.3/2.5 V
±5
±10
%
Internal series termination
without calibration (25-
Ω setting)
VCC IO = 3.3/2.5 V
± 30
± 30
%
50
Ω R
S
3.3/2.5
Internal series termination with
calibration (50-
Ω setting)
VCC IO = 3.3/2.5 V
± 5
± 10
%
Internal series termination
without calibration (50-
Ω setting)
VCC IO = 3.3/2.5 V
± 30
± 30
%
25
Ω R
S
1.8
Internal series termination with
calibration (25-
Ω setting)
VCC IO = 1.8V
±5
±10
%
Internal series termination
without calibration (25-
Ω setting)
VCC IO = 1.8 V
± 30
± 30
%
50
Ω R
S
1.8
Internal series termination with
calibration (50-
Ω setting)
VCC IO = 1.8V
±5
±10
%
Internal series termination
without calibration (50-
Ω setting)
VCC IO = 1.8 V
± 30
± 30
%
50
Ω R
S
1.5
Internal series termination with
calibration (50-
Ω setting)
VCC IO = 1.5 V
±8
±10
%
Internal series termination
without calibration (50-
Ω setting)
VCC IO = 1.5 V
± 36
± 36
%
Notes to Table 4–30:
(1)
For information on which I/O banks support memory interface IOEs, refer to the Description, Architecture, and
Features chapter in the HardCopy II Device Family Data Sheet section in volume 1 of the HardCopy Series Handbook.
(2)
The resistance tolerances for calibrated SOCT and POCT are at the time of initial calibration. If the temperature or
voltage changes over time, the tolerance may also change.
(3)
This table applies only to HC210, HC220, HC230 and HC240 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com