Electronic Components Datasheet Search
  English  ▼

X  

HC230 Datasheet(PDF) 4 Page - Altera Corporation

Part # HC230
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC230 Datasheet(HTML) 4 Page - Altera Corporation

  HC230 Datasheet HTML 1Page - Altera Corporation HC230 Datasheet HTML 2Page - Altera Corporation HC230 Datasheet HTML 3Page - Altera Corporation HC230 Datasheet HTML 4Page - Altera Corporation HC230 Datasheet HTML 5Page - Altera Corporation HC230 Datasheet HTML 6Page - Altera Corporation HC230 Datasheet HTML 7Page - Altera Corporation HC230 Datasheet HTML 8Page - Altera Corporation HC230 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 228 page
background image
1–2
Altera Corporation
Preliminary
September 2008
HardCopy Series Handbook, Volume 1
■
System performance up to 350 MHz
■
Up to 50% power reduction (dynamic and static) for typical designs
compared to Stratix II FPGA prototypes
1
The actual performance and power consumption improvements
mentioned in this datasheet are design-dependent.
■
Internal Memory
●
Up to 8,847,360 RAM bits available (including parity bits)
●
True dual-port memory, suitable for use in first-in-first-out
(FIFO) buffers
■
Phase-Locked Loops (PLLs)
●
Up to 16 global clocks with 24 clocking resources per device
region
●
Clock control block supports dynamic clock network
enable/disable and dynamic global clock network source
selection
●
Up to 12 PLLs (four enhanced PLLs and eight fast PLLs) per
device which provide identical features as the FPGA
counterparts, including spread spectrum, programmable
bandwidth, clock switchover, real-time PLL reconfiguration,
advanced multiplication, and phase shifting
■
I/O Standards and Intellectual Property (IP)
●
Support for numerous single-ended and differential I/O
standards such as LVTTL, LVCMOS, PCI, PCI-X, SSTL, HSTL,
and LVDS
●
High-speed differential I/O support on up to 116 channels with
dynamic phase alignment (DPA) circuitry for
1-Gigabit-per-second (Gbps) performance
●
Support for high-speed networking and communications bus
standards including Parallel RapidIO, SPI-4 Phase 2 (POS-PHY
Level 4), HyperTransport™ technology, and SFI-4
●
Support for high-speed external memory, including DDR and
DDR2 SDRAM, RLDRAM II, QDRII SRAM, and SDR SDRAM
●
Support for multiple intellectual property megafunctions from
Altera MegaCore® functions, and Altera Megafunction Partners
Program (AMPPSM) megafunctions
■
Packaging
●
Pin-compatible with Stratix II FPGA prototypes
●
Up to 951 user I/O pins available
●
Available in wire bond and flip-chip space-saving
FineLine BGA packages (Table 1–3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com