| Electronic Components Datasheet Search |
|
HC230 Datasheet(PDF) 33 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
HC230 Datasheet(HTML) 33 Page - Altera Corporation |
|
33 / 228 page ![]() Altera Corporation 2–25 September 2008 Preliminary I/O Structure and Features High-Speed IOE High-speed IOEs in HC210, HC220, and HC230 devices are located on the left side of the device. High-speed IOEs in HC240 devices are located on the left and right sides of the device. (Directions are based on a top view of the silicon die.) Unlike Stratix II left and right side I/O pins, HardCopy II left and right side I/O pins do not support SSTL or HSTL I/O standards or the PCI clamping diode. In Stratix II FPGAs, the right and left IOEs support the high-speed IOE features. The high-speed IOE has many features, including: ■ Dedicated single-ended I/O buffers ■ Differential I/O buffer ■ JTAG BST support ■ On-chip driver series termination (non-calibrated) ■ On-chip termination for differential I/O standards ■ Output drive strength control ■ Tri-state buffers ■ Bus-hold circuitry ■ Programmable pull-up resistors ■ Open-drain outputs ■ Transmit serializer ■ Receive deserializer ■ Dynamic phase alignment (DPA) ■ Double data rate (DDR) registers The following I/O standards are supported when using high-speed IOEs: ■ 3.3-V LVTTL/LVCMOS ■ 2.5-V LVTTL/LVCMOS ■ 1.8-V LVTTL/LVCMOS ■ 1.5-V LVCMOS ■ LVDS ■ HyperTransport technology |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |