Electronic Components Datasheet Search
  English  ▼

X  

HC361 Datasheet(PDF) 16 Page - Altera Corporation

Part # HC361
Description  HardCopy III Device
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC361 Datasheet(HTML) 16 Page - Altera Corporation

Back Button HC361 Datasheet HTML 12Page - Altera Corporation HC361 Datasheet HTML 13Page - Altera Corporation HC361 Datasheet HTML 14Page - Altera Corporation HC361 Datasheet HTML 15Page - Altera Corporation HC361 Datasheet HTML 16Page - Altera Corporation HC361 Datasheet HTML 17Page - Altera Corporation HC361 Datasheet HTML 18Page - Altera Corporation HC361 Datasheet HTML 19Page - Altera Corporation HC361 Datasheet HTML 20Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
1–14
Chapter 1: DC and Switching Characteristics of HardCopy III Devices
Switching Characteristics
HardCopy III Device Handbook, Volume 3
© December 2008
Altera Corporation
DSP Block Specifications
Table 1–20 describes the HardCopy III DSP performance specifications.
f
DRIFT
Frequency drift after PFDENA is disabled for duration of 100 ms
—
—
—
%
Notes to Table 1–19:
(1) Pending silicon characterization.
(2) This specification is limited in the Quartus II software by the I/O maximum frequency. The maximum I/O frequency is different for each I/O
standard.
(3) This specification is limited by the lower of the two: I/O fMAX or fOUT of the PLL.
(4) A high input jitter directly affects the PLL output jitter. To have low PLL output clock jitter, you must provide a clean clock source, which is less
than 200 ps.
(5) High bandwidth PLL settings are not supported in external feedback mode.
(6) Peak-to-peak jitter with a probability level of 10–12(14 sigma, 99.99999999974404% confidence level). The output jitter specification applies to
the intrinsic jitter of the PLL, when an input jitter of 30 ps is applied.
Table 1–19. HardCopy III PLL Specifications – Preliminary (Part 2 of 2) (Note 1)
Symbol
Parameter
Min
Typ
Max
Unit
Table 1–20. HardCopy III DSP Block Performance Specifications – Preliminary
(Note 1), (2)
Mode
Number of Multipliers Max
Unit
9 × 9-bit multiplier (a, c, e, g) (3)
1365
MHz
9 × 9-bit multiplier (b, d, f, h) (3)
1410
MHz
12 × 12-bit multiplier (a, e) (4)
1365
MHz
12 × 12-bit multiplier (b, d, f, h) (4)
1410
MHz
18 × 18-bit multiplier
1
495
MHz
36 × 36-bit multiplier
1
365
MHz
Double mode
1
365
MHz
18 × 18-bit multiply adder
2
405
MHz
18 × 18-bit multiply adder
4
405
MHz
18 × 18-bit multiply adder with loop back (5)
2405
MHz
18 × 18-bit multiply accumulator
4
390
MHz
18 × 18-bit multiply adder with chainout
4
390
MHz
Input Cascade Independent output of 4 18 × 18 bit multiplier
4
455
MHz
36-bit shift (32 bit data)
1
390
MHz
Notes to Table 1–20:
(1) Maximum is for fully pipelined block with round and saturation disabled.
(2) Pending silicon characterization.
(3) The DSP block implements eight independent 9 × 9-bit multipliers using a, b, c, and d for the top half of the DSP
block and e, f, g, and h for the bottom DSP half block multipliers.
(4) The DSP block implements six independent 12 × 12-bit multipliers using a, b, and d for the top half of the DSP half
block and e, f, and h for the bottom DSP half block multipliers.
(5) Maximum for non-pipelined block with loopback input registers disabled with round and saturation disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com