Electronic Components Datasheet Search
  English  ▼

X  

HC361 Datasheet(PDF) 19 Page - Altera Corporation

Part # HC361
Description  HardCopy III Device
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC361 Datasheet(HTML) 19 Page - Altera Corporation

Back Button HC361 Datasheet HTML 15Page - Altera Corporation HC361 Datasheet HTML 16Page - Altera Corporation HC361 Datasheet HTML 17Page - Altera Corporation HC361 Datasheet HTML 18Page - Altera Corporation HC361 Datasheet HTML 19Page - Altera Corporation HC361 Datasheet HTML 20Page - Altera Corporation HC361 Datasheet HTML 21Page - Altera Corporation HC361 Datasheet HTML 22Page - Altera Corporation HC361 Datasheet HTML 23Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Chapter 1: DC and Switching Characteristics of HardCopy III Devices
1–17
Switching Characteristics
© December 2008
Altera Corporation
HardCopy III Device Handbook, Volume 3
High-Speed I/O Specifications
Refer to Table 1–33 for definitions of high-speed timing specifications.
Table 1–23 shows the high-speed I/O timing for HardCopy III devices.
Table 1–23. High Speed I/O Specifications – Preliminary
(Note 1), (2), (3)
Symbol
Conditions
Min
Typ
Max
Unit
f
HSCLK (input clock frequency)
Clock boost factor W = 2 to 32 (4)
5—
625
MHz
Clock boost factor W = 1 (SERDES bypassed)
5
—
600
MHz
Clock boost factor W = 1 (SERDES used)
150
—
717
MHz
Dedicate LVDS-f
HSDR (data
rate)
SERDES factor J = 3 to 10
150
—
1250
Mbps
SERDES factor J = 2, uses DDR registers
—
—
TBD (5)
Mbps
SERDES factor J = 1, uses SDR register
—
—
TBD (5)
Mbps
Dedicated LVDS-f
HSDRDPA (data
rate)
—
150
—
1250
Mbps
LVDS_E_3R-f
HSDR
—
—
—
340
Mbps
LVDS_E_1R-f
HSDR (data rate)
—
—
—
200
Mbps
Transmitter
t
X jitter
Total jitter for data rate, 600 Mbps - 1.25 Gbps
—
—
160
ps
Total jitter for data rate, < 600 Mbps
—
—
0.1
UI
Dedicated LVDS Output t
RISE
and t
FALL
All differential I/O standards
—
—
200
ps
t
DUTY
TX output clock duty cycle
45
50
55
%
TCCS
All differential I/O standards
—
—
100
ps
DPA mode
DPA run length
—
—
—
(5)
UI
Soft CDR mode
Soft CDR jitter tolerance
—
—
—
(5)
ps
Soft CDR run length
—
—
—
(5)
UI
Soft-CDR PPM tolerance
—
—
—
(5)
PPM
Non DPA mode
Sampling window
All differential I/O standards
—
—
(5)
ps
Notes to Table 1–23:
(1) When J = 3 to 10, the serializer/deserializer (SERDES) block is used.
(2) When J = 1 or 2, the SERDES block is bypassed.
(3) The minimum specification is dependent on the clock source (PLL and clock pin, for example) and the clock routing resource (global, regional,
or local) utilized. The I/O differential buffer and input register do not have a minimum toggle rate.
(4) The input clock frequency and the W factor must satisfy the following Left and Right PLL output frequency specification: 150 MHz input clock
frequency × W
≤ 1250 MHz.
(5) Pending silicon characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com