Electronic Components Datasheet Search
  English  ▼

X  

HC361 Datasheet(PDF) 24 Page - Altera Corporation

Part # HC361
Description  HardCopy III Device
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC361 Datasheet(HTML) 24 Page - Altera Corporation

Back Button HC361 Datasheet HTML 18Page - Altera Corporation HC361 Datasheet HTML 19Page - Altera Corporation HC361 Datasheet HTML 20Page - Altera Corporation HC361 Datasheet HTML 21Page - Altera Corporation HC361 Datasheet HTML 22Page - Altera Corporation HC361 Datasheet HTML 23Page - Altera Corporation HC361 Datasheet HTML 24Page - Altera Corporation HC361 Datasheet HTML 25Page - Altera Corporation HC361 Datasheet HTML 26Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
1–22
Chapter 1: DC and Switching Characteristics of HardCopy III Devices
Glossary
HardCopy III Device Handbook, Volume 3
© December 2008
Altera Corporation
I
——
J
J
HIGH-SPEED I/O Block: Deserialization factor (width of parallel data bus).
JTAG Timing
Specifications
Figure 1–3. JTAG Timing Specifications
K
——
L
——
M—
—
N—
—
O
——
P
PLL
Specifications
The block diagram shown in the following figure highlights the PLL Specification parameters:
Figure 1–4. Diagram of PLL Specifications (Note 1)
Note:
(1) Core Clock can only be fed by dedicated clock input pins or PLL outputs.
Q
——
R
R
L
Receiver differential input discrete resistor (external to HardCopy III device).
Table 1–33. Glossary Table
Letter
Subject
Definitions
TDO
TCK
tJPZX
tJPCO
tJPH
tJPXZ
tJCP
tJPSU
tJCL
tJCH
TDI
TMS
Core Clock
External Feedback
Reconfigurable in User Mode
Key
CLK
N
M
PFD
Switchover
VCO
CP
LF
CLKOUT Pins
GCLK
RCLK
fINPFD
fIN
fVCO
fOUT
fOUT_EXT
Counters
C0..C9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com