Electronic Components Datasheet Search
  English  ▼

X  

SW1120BYE Datasheet(PDF) 2 Page - Pletronics, Inc.

Part # SW1120BYE
Description  Sine Wave Oscillators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SW1120BYE Datasheet(HTML) 2 Page - Pletronics, Inc.

  SW1120BYE Datasheet HTML 1Page - Pletronics, Inc. SW1120BYE Datasheet HTML 2Page - Pletronics, Inc. SW1120BYE Datasheet HTML 3Page - Pletronics, Inc. SW1120BYE Datasheet HTML 4Page - Pletronics, Inc. SW1120BYE Datasheet HTML 5Page - Pletronics, Inc. SW1120BYE Datasheet HTML 6Page - Pletronics, Inc. SW1120BYE Datasheet HTML 7Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SW11B Series
Sine Wave Oscillators
December 2006
www.pletronics.com
425-776-1880
2
PART NUMBER:
SW11
45
BY
E
- 230.0M
- XX
Internal code or blank
Frequency in MHz
Optional Enhanced OTR
E = Temperature range -40 to 85
oC
Series Model
Frequency Stability
45 = +
_ 50 ppm
44 = +
_ 25 ppm
20 = +
_ 20 ppm
Series Model
Part Marking:
PLE SW11
FF.FFFM
CCCC YMDXX
or
SWYWWXX
FF.FFFM
CCCC PXXXXX
Legend:
P or PLE
= Pletronics
FF.FFFM
= Frequency in MHz
YWW or YMD = Date of Manufacture
(year and week, or year,
month and day)
All other marking is internal factory codes
Specifications such as frequency stability, supply voltage and operating temperature range, etc.
are not identified from the marking. External packaging labels and packing list will correctly
identify the ordered Pletronics part number.
Codes for Date Code YMD
Code
6
7
8
9
0
1
2
Year
2006
2007
2008
2009
2010
2011
2012
Code
A
B
C
D
E
F
G
H
J
K
L
M
Month
JAN
FEB
MAR
APR
MAY
JUN
JUL
AUG
SEP
OCT
NOV
DEC
Code
1
2
3
4
5
6
7
8
9
A
B
C
Day
1
2
3
4
5
6
7
8
9
10
11
12
Code
D
E
F
G
H
J
K
L
M
N
P
R
Day
13
14
15
16
17
18
19
20
21
22
23
24
Code
T
U
V
W
X
Y
Z
Day
25
26
27
28
29
30
31
Electrical Specification:
for Supply Voltage V
CC of 5.0V +
_5%, over the specified temperature range



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com