Electronic Components Datasheet Search
  English  ▼

X  

SW1120BYE Datasheet(PDF) 4 Page - Pletronics, Inc.

Part # SW1120BYE
Description  Sine Wave Oscillators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SW1120BYE Datasheet(HTML) 4 Page - Pletronics, Inc.

  SW1120BYE Datasheet HTML 1Page - Pletronics, Inc. SW1120BYE Datasheet HTML 2Page - Pletronics, Inc. SW1120BYE Datasheet HTML 3Page - Pletronics, Inc. SW1120BYE Datasheet HTML 4Page - Pletronics, Inc. SW1120BYE Datasheet HTML 5Page - Pletronics, Inc. SW1120BYE Datasheet HTML 6Page - Pletronics, Inc. SW1120BYE Datasheet HTML 7Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SW11B Series
Sine Wave Oscillators
December 2006
www.pletronics.com
425-776-1880
4
Mechanical
Inches
mm
FR4 PCB Base:
Solder masked
All via holes tented on bottom
Copper Clad ½ oz. Typical
Gold plated 0.02 inch (0.5 m)
Label:
White Kapton with Black Letters
–or--
Blue Epoxy heat cure covering
top with laser marked lettering
Cover:
Centered on the base
304 Stainless Steel
0.010 inch (0.25 m)
Electroless Nickel Plated
1 inch (25 m) typical
Pin 2 Ground plane is typical
Not to scale
A
0.390 +
_0.010
9.90 +
_0.25
B
0.550 +
_0.010
13.97 +
_0.25
C
0.115 max
2.92 max
D
1
0.026 typ.
0.66
E
1
0.050
1.27
F
1
0.028 R
0.72 R
G
1
0.180
4.57
H
1
0.200
5.08
I
1
0.050
1.27
J
1
0.015
0.38
K
1
0.380
9.65
Pad
Function
Note
1
NC
no connection
2
NC
no connection
3
Ground (GND)
4
Output
50 ohm load, internal DC blocking capacitor rated at 25V
5
NC
no connection
6
Supply Voltage
(V
CC)
Recommend connecting appropriate power supply bypass capacitors as
close as possible.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com