Electronic Components Datasheet Search
  English  ▼

X  

SW1120BYE Datasheet(PDF) 3 Page - Pletronics, Inc.

Part # SW1120BYE
Description  Sine Wave Oscillators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SW1120BYE Datasheet(HTML) 3 Page - Pletronics, Inc.

  SW1120BYE Datasheet HTML 1Page - Pletronics, Inc. SW1120BYE Datasheet HTML 2Page - Pletronics, Inc. SW1120BYE Datasheet HTML 3Page - Pletronics, Inc. SW1120BYE Datasheet HTML 4Page - Pletronics, Inc. SW1120BYE Datasheet HTML 5Page - Pletronics, Inc. SW1120BYE Datasheet HTML 6Page - Pletronics, Inc. SW1120BYE Datasheet HTML 7Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SW11B Series
Sine Wave Oscillators
December 2006
www.pletronics.com
425-776-1880
3
Item
Min
Max
Unit
Condition
Frequency Range
10
700
MHz
Frequency Accuracy
--
--
ppm
Determined by part number and inclusive for
power supply, temperature and load
Harmonic Output
--
--15
dBc
Spurious Output
--
-50
dBc
of V
CC
(See load circuit)
Output Level
-7.0
-4.0
dBM
Load of 50 ohms
Aging
Year 1
Subsequent
-5.0
+5.0
ppm
at 25
oC
-2.0
+2.0
ppm
Phase Noise
10 Hz offset
100 Hz
1 KHz
10 KHz
100 KHz
1 MHz
10 MHz
--
--
--
--
--
--
--
-59
-87
-118
-147
-150
-152
-152
dBc/Hz
Example at 200MHz
Current I
CC
-
90
mA
Pin 1 low, device disabled
Start up time
-
10
mS
Time for output to reach specified frequency
Operating Temperature
Range
0
+70
oC
Standard Temperature Range
-40
+85
oC
Extended Temperature Range
“E” Option
Storage Temperature Range
-55
+125
oC
Load Circuit
(50 ohm nominal load and no capacitance)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com