Electronic Components Datasheet Search
  English  ▼

X  

P308 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # P308
Description  Smart eID
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P308 Datasheet(HTML) 4 Page - NXP Semiconductors

  P308 Datasheet HTML 1Page - NXP Semiconductors P308 Datasheet HTML 2Page - NXP Semiconductors P308 Datasheet HTML 3Page - NXP Semiconductors P308 Datasheet HTML 4Page - NXP Semiconductors P308 Datasheet HTML 5Page - NXP Semiconductors P308 Datasheet HTML 6Page - NXP Semiconductors P308 Datasheet HTML 7Page - NXP Semiconductors P308 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
P304_P308_P310G002_FAM_SDS_1
© NXP B.V. 2008. All rights reserved.
Product short data sheet
Rev. 01 — 29 July 2008
4 of 8
NXP Semiconductors
P304/P308/P310G002 family
Smart eID
3.
Applications
I Driving licence
I eGovernment
I National identity card
I Corporate card
I Vehicle registration sticker
4.
Quick reference data
5.
Ordering information
[1]
For further package options, please contact your local NXP sales representative or to the NXP
Semiconductors sales department. To obtain NXP Semiconductors sales office addresses, please e-mail
salesaddresses@nxp.com.
[2]
This package is also known as MOB4.
Table 2.
Quick reference data
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Ciss
input capacitance
measured on pads LA and LB;
test frequency at 17.4 MHz;
Tamb =25 °C; VDD =0V
-
13.5
-
pF
foper
operating frequency
measured on pads LA and LB;
Tamb =25 °C
-
13.56 -
MHz
Table 3.
Ordering information
Type number
Package[1]
Name
Description
Version
P304G002A4
PLLMC[2]
plastic leadless module carrier package; 35 mm
wide tape
SOT500-2
P308G002A4
P310G002A4
Table 4.
Product types and features
Product
type
EEPROM
(KB)
MIFARE 4 KB
emulation
Coprocessor
ISO/IEC 7816
IO pads
Interface option
DES
AES
P304G002
4
no
yes
no
2
contactless interface
P308G002
8
no
yes
no
2
contactless interface
P310G002
10
yes
yes
no
2
contactless interface



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com