Electronic Components Datasheet Search
  English  ▼

X  

P308 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # P308
Description  Smart eID
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P308 Datasheet(HTML) 1 Page - NXP Semiconductors

  P308 Datasheet HTML 1Page - NXP Semiconductors P308 Datasheet HTML 2Page - NXP Semiconductors P308 Datasheet HTML 3Page - NXP Semiconductors P308 Datasheet HTML 4Page - NXP Semiconductors P308 Datasheet HTML 5Page - NXP Semiconductors P308 Datasheet HTML 6Page - NXP Semiconductors P308 Datasheet HTML 7Page - NXP Semiconductors P308 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1.
General description
1.1 Smart eID family approach
The Smart eID family members feature a modular set of devices with:
• 4 KB to 10 KB EEPROM
• Secured triple-DES coprocessor
• ISO/IEC 14443 type A Contactless Interface Unit (CIU)
• EEPROM with minimum 100 000 cycles endurance and minimum 20 years retention
time
• Pre-installed applications compliant to ICAO document 9303
• Command set compliant to ISO/IEC 7816-4
• Compliant to ISO/IEC 18013-3 (using BAP in configuration 1)
1.2 Smart eID family properties
Smart eID is designed to complement general-purpose smart card controllers in the NXP
Semiconductors range of identification products for eGovernment applications. It is an
“all-in” functionality product supporting ISO/IEC 7816 data structures, including those
defined in ICAO document 9303. Smart eID is designed for low-end configurations in
identification cards, driving licences or other eGovernment applications. The learning
curve for implementers is quick, as the product is based on well-known standards. By
using Smart eID, applications can be developed and validated within days. The Smart eID
family can be regarded as low-end products due to their limited memory size. Triple-DES
symmetric cryptography and the ISO/IEC 14443 type A contactless interface are
supported.
The file system allows the creation of pre-configured applications that provide data groups
within the application. Access to these data groups can be according to one of three
modes: completely open (“LDS” – according to the Logical Data Structure defined in ICAO
document 9303), protected with Basic Access Control and Secure Messaging (“BAC” – as
defined in ICAO document 9303). A third configuration provides an additional mechanism
to update data groups after issuing the electronic document to the holder as well as a
feature to protect against cloning. These additional features make Smart eID particularly
useful for ID cards, driving licences, and other eGovernment applications.
Compliance to existing MRTD (Machine Readable Travel Document) inspection
equipment can be obtained by configuration settings according to ICAO document 9303.
For driving licence applications, it can be configured to comply with ISO/IEC 18013-3,
using BAP (Basic Access Protocol) security in configuration 1.
P304/P308/P310G002 family
Smart eID
Rev. 01 — 29 July 2008
Product short data sheet


Similar Part No. - P308

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P3081 ETAL-P3081 Datasheet
144Kb / 4P
MICROPROFILE LINE MATCHING TRANSFORMER
P3081TR ETAL-P3081TR Datasheet
144Kb / 4P
MICROPROFILE LINE MATCHING TRANSFORMER
More results

Similar Description - P308

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1260 DALLAS-DS1260 Datasheet
273Kb / 8P
Smart Battery
logo
List of Unclassifed Man...
SE25-112-0 ETC1-SE25-112-0 Datasheet
99Kb / 2P
Smart Encoder
logo
ITT Industries
CCM02-MKI ITT-CCM02-MKI Datasheet
68Kb / 1P
Smart Card
CCM04-MKII ITT-CCM04-MKII Datasheet
62Kb / 1P
Smart Card
logo
Skyworks Solutions Inc.
SE2431L SKYWORKS-SE2431L_15 Datasheet
1Mb / 13P
Smart meters
logo
Cherry Semiconductor Co...
ST-1044 CHERRY-ST-1044 Datasheet
116Kb / 2P
Smart Card Reader ST-1044 Smart Terminal
logo
OSRAM GmbH
SFH-3400 OSRAM-SFH-3400 Datasheet
644Kb / 13P
Smart DIL
logo
VIA Technologies, Inc.
ARTIGOA1250 VIA-ARTIGOA1250 Datasheet
411Kb / 3P
Smart Clients
logo
Omron Electronics LLC
ZS-LD15G OMRON-ZS-LD15G Datasheet
1Mb / 2P
smart sensor
logo
Multi-Tech Systems, Inc...
86002254 MULTITECH-86002254 Datasheet
809Kb / 3P
Smart Building
2023-04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com