Electronic Components Datasheet Search
  English  ▼

X  

HDAS-528 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # HDAS-528
Description  12-Bit, 400kHz, Complete Data Acquisition System
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

HDAS-528 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  HDAS-528 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. HDAS-528 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. HDAS-528 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. HDAS-528 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. HDAS-528 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MDC_HDAS-524/528.B01 Page 2 of 5
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
HDAS-524, HDAS-528
12-Bit, 400kHz
, Complete
Data Acquisition System
ANALOG INPUTS
MIN.
TYP.
MAX.
UNITS
Number of Inputs
HDAS-524
4 differential inputs
HDAS-528
8 single-ended inputs
Input Voltage Ranges
Gain = 1
0 to +10V, ±10V
Gain = 100
0 to +100mV, ±100mV
I.A. Gain Ranges
1, 2, 4, 8, 10, 100
Input Impedance
CH On, CH Off
1011
1012
—
Ohms
Input Capacitance
(-524) CH On, CH Off
—
—
12
pF
(-528) CH On, CH Off
—
—
25
pF
Input Bias Current
—
—
±200
pA
Input Offset Current
—
—
±50
pA
Input Offset Voltage
—
—
±10
mV
Common Mode Voltage Range
±11
—
—
Volts
CMRR, G = 1, @10Hz,
Vcm = 1Vp-p
72
80
—
dB
Voltage Noise (RMS)
Gain = 1
—
—
200
V
Gain = 8
—
—
50
V
MUX Crosstalk @125kHz
–72
—
—
dB
MUX ON Resistance
—
450
500
Ohms
Bias Current Tempco
Doubles (max.) every 10°C above +70°C
Offset Current Tempco
Doubles (max.) every 10°C above +70°C
Offset Voltage Tempco
(±30ppm/°C x gain) ±20ppm/°C (max.)
Input Gain Equation
DIGITAL INPUTS
Logic Levels
Logic 1
+2.0
—
—
Volts
Logic 0
—
—
+0.5
Volts
Logic Loading
Logic 1
—
—
+5
A
Logic 0
—
—
–600
A
OUTPUTS
Logic Levels
Logic 1
+2.4
—
—
Volts
Logic 0
—
—
+0.4
Volts
Logic Loading
Logic 1
—
—
–160
A
Logic 0
—
—
+6.4
mA
Internal Reference
Voltage, +25°C
+9.9
+10.0
+10.1
Volts
Drift
—
±5
±35
ppm/°C
External Current
—
—
1.5
mA
Output Coding
Straight binary/Offset binary
Comp. binary/Comp. offset binary
PARAMETERS
MIN.
TYP.
MAX.
UNITS
+15V Supply, Pin 20
0
—
+18
Volts
–15V Supply, Pin 18
0
—
–18
Volts
+5V Supply, Pin 36
–0.5
—
+7
Volts
Digital Inputs, Pins 9, 34, 37-40
–0.3
—
+VDD +0.3
Volts
Analog Inputs, Pins 1–8
–15
—
+15
Volts
Lead Temperature (10 seconds)
—
—
300
°C
PERFORMANCE
MIN.
TYP.
MAX.
UNITS
Resolution
12
—
—
Bits
Integral Nonlinearity, +25°C
—
—
±0.75
LSB
0 to +70°C
—
—
±0.75
LSB
–55 to +125°C
—
—
±1.5
LSB
Differential Nonlinearity, +25°C
—
—
±0.75
LSB
0 to +70°C
—
—
±0.75
LSB
–55 to +125°C
—
—
±1
LSB
F.S. Abs. Accuracy, +25°C
—
±0.13
±0.3
%FSR
0 to +70°C
—
±0.15
±0.5
%FSR
–55 to +125°C
—
±0.25
±0.78
%FSR
Unipolar Zero Error, +25°C
—
±0.074
±0.15
%FSR
Unipolar Zero Tempco
—
±15
±30
ppm/°C
Bipolar Zero Error, +25°C
—
±0.074
±0.15
%FSR
Bipolar Zero Tempco
—
±5
±10
ppm/°C
Bipolar Offset Error, +25°C
—
±0.1
±0.25
%FSR
Bipolar Offset Tempco
—
±20
±40
ppm/°C
Gain Error, +25°C
—
±0.1
±0.25
%
Gain Tempco
—
±20
±40
ppm/°C
Harmonic Distortion (–FS)
(DC to 5kHz, 10Vp-p)
—
–73
–65
dB
No Missing Codes
Over operating temperature range
SIGNAL TIMING
Enable to Data Valid Delay
—
—
10
ns
MUX Address Set-up Time
400
—
—
ns
Start Convert Pulse Width
50
100
—
ns
Data Valid After
EOC Signal Goes Low
—
—
20
ns
Conversion Time, +25°C
—
—
800
ns
0 to +70°C
—
—
850
ns
–55 to +125°C
—
—
880
ns
Throughput Rates
Gain = 1
400
—
—
kHz
Gain = 2
325
—
—
kHz
Gain = 4
275
—
—
kHz
Gain = 8
225
—
—
kHz
Gain = 10
175
—
—
kHz
Gain = 100
40
—
—
kHz
S/H PERFORMANCE
Acquisition Time
Full-Scale Step to ±0.01%
—
500
900
ns
Full-Scale Step to ±0.1%
—
400
750
ns
Aperture Delay
–50
–20
0
ns
Aperture Uncertainty
—
—
±150
ps
Slew Rate
±70
±90
—
V/μs
Hold Mode Settling Time
To ±1mV
—
100
200
ns
To ±10mV
—
75
150
ns
Feedthrough Rejection
80
88
—
dB
Droop Rate
—
±0.1
±100
μV/μs
POWER SUPPLIES
Range, +15V Supply
+14.25
+15.0
+15.75
Volts
–15V Supply
–14.25
–15.0
–15.75
Volts
+5V Supply
+4.75
+5.0
+5.25
Volts
Current, +15V Supply
—
+78
+90
mA
–15V Supply
—
–72
–82
mA
+5V Supply
—
+75
+95
mA
Power Dissipation
—
2.6
3
Watts
Power Supply Rejection
—
—
±0.05
%FSR/%V
PHYSICAL/ENVIRONMENTAL
Oper. Temp. Range, Case, -MC,
0
—
+70
°C
-MM, 883
–55
—
+125
°C
Storage Temp. Range
–65
—
+150
°C
Package Type
40-pin ceramic DDIP
Weight
0.56 ounces (16 grams)
ABSOLUTE MAXIMUM RATINGS
FUNCTIONAL SPECIFICATIONS
(Apply over the operating temperature range with ±15V and +5V supplies unless
otherwise specified.)
Footnotes:
Specifications valid at +25°C and over the temperature ranges of 0 to +70°C or –55 to +125°C.
2k
RGAIN
GAIN =
+1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com