Electronic Components Datasheet Search
  English  ▼

X  

HDAS-528 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # HDAS-528
Description  12-Bit, 400kHz, Complete Data Acquisition System
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

HDAS-528 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  HDAS-528 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. HDAS-528 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. HDAS-528 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. HDAS-528 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. HDAS-528 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MDC_HDAS-524/528.B01 Page 4 of 5
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
HDAS-524, HDAS-528
12-Bit, 400kHz
, Complete
Data Acquisition System
Table 4. Output Coding
TECHNICAL NOTES
1. Rated performance requires using good high-frequency circuit board layout
techniques. The analog and digital ground pins are not connected to each
other internally. Avoid ground-related problems by connecting the analog,
signal and digital grounds to one point, the ground plane beneath the con-
verter. Due to the inductance and resistance of the power supply return paths,
return the analog and digital grounds separately to the power supplies. This
prevents contamination of the analog ground by noisy digital ground currents.
2. Double-level multiplexing allows expanding the multiplexer channel capacity
of the HDAS-528 from 8 single-ended channels to 128 single-ended chan-
nels or the HDAS-524 from 4 differential channels to 32 differential channels.
UNIPOLAR
INPUT RANGE
OUTPUT CODING
INPUT RANGE
BIPOLAR
SCALE
0 to +10V
MSB
LSB
MSB
LSB
±10V
SCALE
+FS – 1LSB
+9.9976V
1111 1111 1111
0000 0000 0000
+9.9951V
+FS – 1LSB
+7/8FS
+8.7500V
1110 0000 0000
0001 1111 1111
+7.5000V
+3/4FS
+3/4FS
+7.5000V
1100 0000 0000
0011 1111 1111
+5.0000V
+1/2FS
+1/2FS
+5.0000V
1000 0000 0000
0111 1111 1111
0.0000V
0
+1/4FS
+2.5000V
0100 0000 0000
1011 1111 1111
–5.0000V
–1/2FS
+1/8FS
+1.2500V
0010 0000 0000
1101 1111 1111
–7.5000V
–3/4FS
+1LSB
+0.0024V
0000 0000 0001
1111 1111 1110
–9.9951V
–FS + 1LSB
0
0.0000V
0000 0000 0000
1111 1111 1111
–10.0000V
–FS
STRAIGHT BINARY
COMP. BINARY
OFFSET BINARY
COMP. OFF. BINARY
Notes:
1. A START CONVERT pulse greater than
150ns will slow the throughput.
2. Retriggering START CONVERT before
EOC goes low will not start a new
conversion.
3. Times shown apply over the 0 to +70°C
operating temperature range.
20ns min.
35ns max.
100ns min.
850ns
1.8µs
N –1 Valid
30ns
30ns
40ns typical
START
CONVERT
OUTPUT
DATA
CA1
CA0
CH0 ADDRESSED
CH1 ADDRESSED
CH2 ADDRESSED
35ns
ENABLE
EOC
30ns
Disable N – 1
N – 1
N
40ns typical
N –1 Valid
N Valid
Enabled data
N Valid
Figure 3. HDAS-524/528 Timing Diagram
3. Obtain straight binary/offset binary output coding by tying COMP BIN (pin 9)
to +5V or leaving it open. The device has an internal pull-up resistor on this
pin. To obtain complementary binary or complementary offset binary output
coding, tie pin 9 to ground. The COMP BIN signal is compatible to CMOS/TTL
logic levels for those users desiring logic control of this function.
4. To enable the three-state outputs, connect ENABLE (pin 34) to a logic "0"
(low). To disable, connect pin 34 to a logic "1" (high).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com