Electronic Components Datasheet Search
  English  ▼

X  

HDAS-528 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # HDAS-528
Description  12-Bit, 400kHz, Complete Data Acquisition System
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

HDAS-528 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  HDAS-528 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. HDAS-528 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. HDAS-528 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. HDAS-528 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. HDAS-528 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MDC_HDAS-524/528.B01 Page 3 of 5
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
HDAS-524, HDAS-528
12-Bit, 400kHz
, Complete
Data Acquisition System
Notes:
1. For unipolar operation, connect pin 12 to pin 17.
2. For bipolar operation, connect pin 13 to pin 17.
3. Position RGAIN as close as possible to pins 10 and 11.
Use RN55C, 1% resistors.
4. If gain and offset adjusts are not used, connect pin 15
to ground and leave pin 16 open.
Figure 2. Typical Connection Diagram
MUX ADDRESS PINS
39
38
37
CA2
CA1
CA0
CHANNEL
0
0
0
0
0
0
1
1
HDAS-524
0
1
0
2
(2-BIT ADDRESS)
0
1
1
3
1
0
0
4
1
0
1
5
HDAS-528
1
1
0
6
(3-BIT ADDRESS)
1
1
1
7
Table 1. MUX Channel Addressing
ZERO ADJUST
GAIN ADJUST
INPUT RANGE
+1/2LSB
+FS – 1 1/2LSB
0 to +10V
+1.22mV
+9.9963V
±10V
+2.44mV
+9.9927V
Table 3. Zero and Gain Adjust
INPUT RANGE
GAIN
RGAIN
THROUGHPUT
0 to +10V
1
OPEN
400kHz
0 to +5V
2
2k
325kHz
0 to +2.5V
4
665
275kHz
0 to +1.25V
8
287
225kHz
0 to +1V
10
221
175kHz
0 to +100mV
100
20
40kHz
±10V
1
OPEN
400kHz
±5V
2
2k
325kHz
±2.5V
4
665
275kHz
±1.25V
8
287
225kHz
±1V
10
221
175kHz
±100mV
100
20
40kHz
Table 2. Input Range Parameters
(GAIN –1)
2k
RGAIN =
GAIN =
+1
2k
RGAIN
11
10
13
GAIN ADJUST
19
35
36
+5V
20
+15V
18
–15V
OFFSET ADJUST
R
GAIN
HI
RGAIN LO
19
15
16
–15V
–15V
+15V
+15V
20k
20k
+10V REF
4.7µF
0.1µF
R GAIN
4.7µF
0.1µF
4.7µF
0.1µF
4.7µF
0.1µF
+
+
+
+
DGND
AGND
gains require the use of the RGAIN resistor to increase the acquisition time.
The gain is equal to 1 without an RGAIN resistor. Table 2 refers to the appropriate
RGAIN resistors for various throughputs.
The HDAS devices enter the hold mode and are ready for conversion upon
the start convert going high. The conversion is complete within a maximum of
800ns (+25°C). EOC returns low, the data is valid and sent to the three-state
output buffers. The sample/hold is now ready to acquire new data.
CALIBRATION PROCEDURE
1.
Connect the converter per Figure 2 and Tables 2 and 3 for the appropriate
input range. Apply a pulse of 100 nano-seconds (typical) to the START
CONVERT input (pin 40) at a rate of 100kHz. This rate is chosen to reduce
flicker if LED’s are used on the outputs for calibration purposes.
2.
Zero Adjustments
Apply a precision voltage reference source between the analog input and
SIGNAL GROUND (pin 14). Adjust the output of the reference source per
Table 3. For unipolar, adjust the zero trimming potentiometer so that the
output code flickers equally between 0000 0000 0000 and 0000 0000
0001 with the COMP BIN (pin 9) tied high (straight binary) or between
1111 1111 1111 and 1111 1111 1110 with the COMP BIN (pin 9) tied low
(complementary binary).
For bipolar operation, adjust the potentiometer such that the code flickers
equally between 1000 0000 0000 and 1000 0000 0001 with COMP BIN
(pin 9) tied high (offset binary) or between 0111 1111 1111 and 0111
1111 1110 with COMP BIN (pin 9) tied low (complementary offset binary).
3.
Full-Scale Adjustment
Set the output of the voltage reference used in step 2 to the value shown
in Table 3. Adjust the gain trimming potentiometer so that the output
code flickers equally between 1111 1111 1110 and 1111 1111 1111 or
0000 0000 0001 and 0000 0000 0000 for complementary coding.
4.
To confirm proper operation of the device, vary the precision reference
voltage source to obtain the output coding listed in Table 4.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com