Electronic Components Datasheet Search
  English  ▼

X  

OA2000 Datasheet(PDF) 3 Page - MRV Communications, Inc.

Part # OA2000
Description  Optical Access 2000 (OA2000)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

OA2000 Datasheet(HTML) 3 Page - MRV Communications, Inc.

  OA2000 Datasheet HTML 1Page - MRV Communications, Inc. OA2000 Datasheet HTML 2Page - MRV Communications, Inc. OA2000 Datasheet HTML 3Page - MRV Communications, Inc. OA2000 Datasheet HTML 4Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Network Management
The OA2000switch supports the SNMP protocol and the Telnet interface
delivers comprehensive in-band management.The system can be managed
and monitored using the SNMP/RMON protocol through computers
equipped with network management software or via an Internet web
browser. LED indicators are located on the front panel to assist network
administrators in troubleshooting. A Port Mirroring feature provides a non-
intrusive mechanism for traffic inspection across the entire switch.
Remote Maintenance
The MRV OA2000 switch Series sets the standard for Network Management
and Maintenance capabilities:
• Loop testing is executed in-service, with no maintenance personnel.
Loop test frames are sent remotely, providing port status reports
directly to the maintenance console.
• Power failure alarms distinguish between cable faults and local
power failures.
• The MRV OA2000 switch Series uses MegaVision Network
Management System, which can provide Fault, Performance, and
Configuration Management, in one package.
L2 Features
• Up to 8K MAC address entries
• 4M-bit for packet buffer size
• Provides flow control mechanism: backpressure for half duplex;
IEEE802.3x for full duplex operation
• Store-and-forward forwarding scheme
• HOL (Head of Line) blocking prevention
• Port mirroring
• Provides Link Aggregation
• Up to 8 ports in one trunk
• Up to 4 trunk groups
• Trunks across switches
• Supports 802.3ad (LACP)
• Cisco Ether-channel (static truck)
• Load Balance for both Unicast and Multicast traffics
• Supports VLAN
• IEEE 802.1Q tagging VLAN
• Port-based VLAN
• Up to 255 active VLANs
• GVRP protocol for automatic VLAN registration and dynamic VLAN
management
• Private VLAN
• IGMP (v1/v2) Snooping and Query function
• Broadcast Storm control
• IEEE 802.1D Spanning Tree protocol
• IEEE 802.1w Rapid Spanning Tree
• IEEE802.1s Multiple Spanning Tree*
Security
• RADIUS (Authentication)
• Access Control List
• Port based MAC filtering
• Supports IEEE 802.1x port based security Management
• Username, password security control for telnet and web
management
Management
• Supports SNMP v1/v2c management functions
• Supports RMON (groups 1,2,3 and 9)
• Supports Web-based management
• Supports TELNET console interface
• Supports BOOTP and DHCP for IP address assignment
• Supports firmware upgraded by TFTP file transfer protocol through
the Ethernet network
• Supports Firmware image upgrade by TFTP protocol
• Supports dual Firmware images
• Supports Configuration file upload/download by TFTP protocol
• Supports two or more Configuration files
• SNMP access IP filtering configuration
• Provides 1 Male DB9 RS-232C console interface configured as DTE for
operation, diagnostics, status, and configuration information
• Provides Command Line Interface from the console port using a VT-
100 terminal
• Supports SNTP
• Event / Error Log
• Port mirroring
• MegaVision – MRV Network management system support
Quality of Service
• L2/L3/L4Traffic Classification/Priority Management
• CoS by IEEE 802.1p 4 priority queues control
• Traffic Classification/Priority Management based on IP Precedence/
TOS & DSCP
• Traffic Classification/Priority Management based on TCP/UDP port
number
• Supports WRR for priority queues
• Strict scheduling for priority queue
• Rate Limiting (Ingress & Egress based)
• Supports Random Early Detection (RED)
Physical Ports
• 24 Single Fiber (WDM Bidirectional) 100Base-FX ports with SC
connectors
• 2 Gigabit Combo (RJ-45/SFP) Uplink ports
• Out-Of-Band Management: 1 RJ45 Auto-MDIX 10/100Mbps Ethernet
Port 1 DB-9 RS232 Consol port
Optical Interface
• Connector : Single Fiber with SC Connector
• Cable : 9/125µm SM Fiber (ITU-T G.652)
• Standard : 100BASE – FX
• Wave Length : Up stream – 1.3 m Down stream - 1.5 µm
• Transmitting Power Range : -8 ~ -14 dBm
• Receiving Power Range : -8 ~ -30 dBm
Mechanical
• Dimensions: 440mm x 324mm x 43mm (17.37” x 12.76” x 1.7”)
• LED indicators: Port, Uplink, System, Diagnostic.
Performance
• Switch Fabric: 8.8 Gbps
• MAC address: 8K
Power Requirements
• Nominal AC Input Voltages: 110-240V
• DC Input Voltage: 12V
• Line Input Frequency: 47-63 Hz
• Maximum Power Consumption: 35W
Safety
• CSA/NRTL (UL1950, CSA 22.2.9.50)
• TUV/GS (EN60950)
Electromagnetic Compatibility
• CE Mark
• FCC Class A
• VCCI Class A
• CISPR Class A
Environmental
• Temperature:
• IEC 68-2-14
• 0 to 50 degrees C (Standard Operating)
• -40 to 70 degree C (Non-operating)
• Humidity: 10% to 90% (Non-condensing)
• Vibration: IEC 68-2-36, IEC 68-2-6
• Shock: IEC 68-2-29



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com