Electronic Components Datasheet Search
  English  ▼

X  

OA2000 Datasheet(PDF) 1 Page - MRV Communications, Inc.

Part # OA2000
Description  Optical Access 2000 (OA2000)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

OA2000 Datasheet(HTML) 1 Page - MRV Communications, Inc.

  OA2000 Datasheet HTML 1Page - MRV Communications, Inc. OA2000 Datasheet HTML 2Page - MRV Communications, Inc. OA2000 Datasheet HTML 3Page - MRV Communications, Inc. OA2000 Datasheet HTML 4Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MRV Cost-performance FTTx Ethernet Solution
MRV is a leading provider of optical transport solutions as well as carrier class Ethernet access solutions to carriers around the globe. MRV is looked upon
as the quality leader in the telecom industry.
Today, MRV also offers this unsurpassed level of quality and performance to Operators and Network Service Providers (NSP) with its innovative Optical
Access OA2000 L2/4 Optical Ethernet Service system.The OA2000’s approach to broadband access is unique and its cost-performance solutions are
among the best in the industry.
The OA2000 L2/4 series is a unique integration of a Carrier class Ethernet access with optical transport into one Optical Ethernet Network system. It
enables NSPs to build their own low-cost FTTx access network solutions for Business and high end users. MRV’s Optical Access OA2000 L2/4 Series offers
L2/4 traffic aggregation for broadband access network, providing the connection of the Customer-Edge on one side and the Backbone Network on the
other.
The Optical Access OA2000, is a L2/4 single fiber FTTx System offers the most cost-effective range of features for the telecommunications industry:
1. Fiber Cost Savings: Two-way traffic on a single-core fiber
• The Optical Access OA2000 L2/4 Series allows 2-way traffic on the same fiber path, allowing more cost-effective and efficient use of
fiber resources.
2. Space Saving
• Maximum 192 subscribers per OA2000 system.
3. Scalability and Easy Expansion
• OA2000 L2/4 Series offers high bandwidth:
Down Stream: 100 Mbps per subscribers.
Up Stream: 100 Mbps per subscribers.
• Easy new subscribers add-on , guaranteed network expansion.
4. Advanced Features
• IGMP snooping function allows for efficient transmission of Multicast data such as live video stream.
• VLAN function provides sufficient security between end users.
• Access list, 802.1x and MAC based authentication ensure advanced security per subscriber
Optical Access 2000 (OA2000)
OA2000
������
����
��� ��� ���� �
������
�������� ����
������������ ��� ��������
��� �����
��
�
��
��
�
��
�
��
��
�
���
���
� �
���
���
�
�
��
�
���
�
�
��
��
�
��
�
�����
�����
Single Fiber (WDM bidirectional) FTTx System
MRV’s Single Fiber FTTx solution utilizes an advanced Ethernet access aggregator (OA2000), thus providing direct optical fiber connectivity to the O A201 Optical
Network Termination (ONT). It offers high speed, single fiber access net works with unique cost -performance benefits for everyone from utilities and service providers,
to telecommunications carriers
OA201
Not sure what solution best fits your needs? Visit www.mrv.com or e-mail us at sales@mrv.com
Datasheet


Similar Part No. - OA2000

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
OA200 NJSEMI-OA200 Datasheet
351Kb / 1P
TRANSIENT VOLTAGE SUPPRESSOR
OA200 NJSEMI-OA200 Datasheet
351Kb / 1P
GENERAL PURPOSE DIODES
OA200 NJSEMI-OA200 Datasheet
351Kb / 1P
TRANSIENT VOLTAGE SUPPRESSOR
OA200 NJSEMI-OA200 Datasheet
351Kb / 1P
TRANSIENT VOLTAGE SUPPRESSOR
OA200 NJSEMI-OA200 Datasheet
351Kb / 1P
GENERAL PURPOSE DIODES
More results

Similar Description - OA2000

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
Optical Data Access Arrangement I.C.
logo
TRIAD MAGNETICS
VPP10-2000 TRIAD-VPP10-2000 Datasheet
46Kb / 1P
VPP10-2000
VPP28-2000 TRIAD-VPP28-2000 Datasheet
47Kb / 1P
VPP28-2000
logo
LinkCom Manufacturing C...
LAL0392-51 LINKCOM-LAL0392-51 Datasheet
87Kb / 1P
Broadband Access Transformer
LAL0660-50 LINKCOM-LAL0660-50 Datasheet
87Kb / 1P
Broadband Access Transformer
logo
Teledyne Technologies I...
A2CP6005 TELEDYNE-A2CP6005 Datasheet
125Kb / 2P
2000-6000 MHz 2000-6000 MHz
logo
Adels-Contact
128204 ADELS-128204 Datasheet
119Kb / 2P
2000/ 4
128205 ADELS-128205 Datasheet
119Kb / 2P
2000/ 5
128207 ADELS-128207 Datasheet
120Kb / 2P
2000/ 7
128211 ADELS-128211 Datasheet
122Kb / 2P
2000/11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com