Electronic Components Datasheet Search
  English  ▼

X  

P3801 Datasheet(PDF) 2 Page - ETAL Group

Part # P3801
Description  LOW DISTORTION LINE MATCHING TRANSFORMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P3801 Datasheet(HTML) 2 Page - ETAL Group

  P3801 Datasheet HTML 1Page - ETAL Group P3801 Datasheet HTML 2Page - ETAL Group P3801 Datasheet HTML 3Page - ETAL Group P3801 Datasheet HTML 4Page - ETAL Group P3801 Datasheet HTML 5Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P3801
ETALDOC 711/8
Page 2 of 5
April 2005
SPECIFICATIONS
Electrical
At T = 25ºC and as circuit fig. 2 unless otherwise stated.
Parameter
Conditions
Min
Typ
Max
Units
Insertion Loss
f = 2kHz, RL = 560Ω
-
-
1.5
dB
Frequency response
200Hz - 4kHz
-
-
±0.2
dB
Return Loss
200Hz - 4kHz
18
-
-
dB
Third Harmonic
Distortion
(1)
150Hz - 10dBm
600Hz - 10dBm
-
-
-90
-100
-
-
dBm
dBm
Voltage
isolation
(2)
50Hz
DC
2.12
3.0
-
-
-
-
kVrms
kV
Operating range:
Functional
Storage
Ambient temperature
0
-40
-
-
+70
+85
ºC
ºC
Lumped equivalent circuit parameters as Fig. 1
DC resistance, RDC
(3)
Sum of windings
120
-
148
Ω
Leakage inductance
ΔL
16
-
19.5
mH
Shunt inductance Lp
(4)
10mV 200Hz
6
-
-
H
Shunt loss Rp
(4)
10mV 200Hz
12
-
-
k
Ω
Notes
1. Third harmonic typically exceeds other
harmonics by 20dB.
2. Components are 100% tested at 3.25kV DC.
3. Caution: do not pass DC through windings.
Telephone line current, etc. must be diverted
using choke or semiconductor line hold
circuit.
4. At signal levels greater than 100mV, Lp will
increase and Rp will decrease slightly but the
effect is usually favourable to the return loss
characteristic.
Equivalent Circuit
Fig. 1
IDEAL
1:1
½ L
½ L
½ R
½ R
Patented



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com