Electronic Components Datasheet Search
  English  ▼

X  

P3801 Datasheet(PDF) 5 Page - ETAL Group

Part # P3801
Description  LOW DISTORTION LINE MATCHING TRANSFORMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P3801 Datasheet(HTML) 5 Page - ETAL Group

  P3801 Datasheet HTML 1Page - ETAL Group P3801 Datasheet HTML 2Page - ETAL Group P3801 Datasheet HTML 3Page - ETAL Group P3801 Datasheet HTML 4Page - ETAL Group P3801 Datasheet HTML 5Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
P3801
ETALDOC 711/8
Page 5 of 5
April 2005
SAFETY
ABSOLUTE MAXIMUM RATINGS
(Ratings of components independent of circuit).
Constructed in accordance with IEC 60950-1,
EN 60950-1 and UL 60950-1, supplementary
insulation, 250Vrms maximum working voltage,
flammability class V-0.
There are no special installation requirements
(beyond attending to usual PCB track
separations) since the integral cover provides
supplementary insulation from its external faces
to internal core and windings.
Short term isolation voltage (1s)
DC current
Storage temperature
Lead temperature, 10s
2.12kVrms
3.0kVDC
100
μA
-40ºC to
+85ºC
260ºC
CERTIFICATION
INTELLECTUAL PROPERTY RIGHTS
Certified under the IEC CB scheme (Certificate
DK-8570) to IEC 60950-1-2001, sub-clauses 1.5,
1.5.1, 1.5.2, 1.7.1, 2.9, 2.9.1, 2.9.2, 2.9.3, 2.10,
2.10.1, 2.10.2, 2.10.3, 2.10.3.1, 2.10.3.3, 2.10.4,
2.10.5, 2.10.5.1, 2.10.5.2, 2.10.5.4, 4.7, 4.7.1
(classV-1), 4.7.3, 4.7.3.1, 4.7.3.4, 5.2, 5.2.1, 5.2.2,
6.1.2.1
(Finland,
Norway,
Sweden
national
deviations) for a maximum working voltage of
250Vrms, nominal mains supply voltage not
exceeding 300Vrms and a maximum operating
temperature of 70ºC in Pollution Degree 2
environments.
Recognized under the Component Recognition
Program of Underwriters Laboratories Inc. to US and
Canadian
requirements
CAN/CSA
C22.2
No. 60950-1-03/UL60950-1, First Edition, based on
IEC 60950-1, First Edition, maximum working voltage
250Vrms, Pollution Degree 2, supplementary
insulation.
UL File number E203175.
Additionally, Profec Technologies certifies all
transformers as providing voltage isolation of
2.12kVrms, 3kV DC minimum. All shipments are
supported by a certificate of conformity to current
applicable safety standards.
ETAL, P1200, P2001, P3034, P3800 and P3801
are Trade Marks of Profec Technologies Ltd.
The Trade Mark ETAL is registered at the UK Trade
Marks Registry.
Profec Technologies Ltd. is the owner of the design
right under the Copyright Designs and Patents Act
1988 and no rights or licences are hereby granted
or implied to any third party.
P3189 design and construction are protected by
patents and registered design.
UK Registered Design No. 2077360.
US Patent No. 6,690,254
French Registered Design No. 991512.
United States Registered Design 426, 815.
Mexico Registered Design 12143.
Other patents and registered designs pending.
© 1998 - 2005 Profec Technologies Ltd.
Reproduction prohibited.
ETAL Group Oy, Kuormatie 14, FIN-03101, Nummela
Telephone: +358 (0)20 7500 330
Fax: +358 (0)20 7500 333
Website: www.etalgroup.com
Email: etalgroup@egruppen.com
FM 25326
ISO 9001
E203175



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com