Electronic Components Datasheet Search
  English  ▼

X  

P3801 Datasheet(PDF) 3 Page - ETAL Group

Part # P3801
Description  LOW DISTORTION LINE MATCHING TRANSFORMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P3801 Datasheet(HTML) 3 Page - ETAL Group

  P3801 Datasheet HTML 1Page - ETAL Group P3801 Datasheet HTML 2Page - ETAL Group P3801 Datasheet HTML 3Page - ETAL Group P3801 Datasheet HTML 4Page - ETAL Group P3801 Datasheet HTML 5Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P3801
ETALDOC 711/8
Page 3 of 5
April 2005
MATCHING RECOMMENDATIONS
CONSTRUCTION
Dimensions shown are in millimetres (inches).
Geometric centres of outline and pin grid coincide within a tolerance circle of 0.6mm
Windings may be used interchangeably as primary or secondary.
Recommended Circuit
Fig. 2
560
LINE
600
* If return loss > 16dB, 300Hz - 4kHz is acceptable, bloc king
capacitor may be relaxed to 4.7 F
33nF
27nF
5%
+_
2%
+_
μ
*
+50%
20%
_
μ
6.8 F
+50%
20%
_
5%
+_
600 MATCH
Ω
Figure 3 gives flat RX and TX responses against the
CTR21 complex reference impedance (typically
around ±0.5dB 300Hz - 3.4kHz). Return loss is
typically better than 20dB.
The circuit values in
parentheses give optimum flatness at a small
sacrifice in return loss.
For circuits with existing board drillings, figure 4
gives good return loss (>20dB) and RX flatness
against the CTR21 complex reference impedance,
but TX flatness is degraded by the use of this
topology.
EUROPEAN CTR21 COMPLEX MATCH
Recommended Circuit
Fig. 3
150
(220)
LINE
270
750
750
(680)
56nF
(150nF)
100nF
150nF
μ
2.2 F
Fig. 4
820
LINE
270
750
330
27nF
68nF
150nF
μ
2.2 F
Connections
Dimensions
e2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com