Electronic Components Datasheet Search
  English  ▼

X  

P5059 Datasheet(PDF) 4 Page - ETAL Group

Part # P5059
Description  LOW DISTORTION LINE MATCHING TRANSFORMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P5059 Datasheet(HTML) 4 Page - ETAL Group

  P5059 Datasheet HTML 1Page - ETAL Group P5059 Datasheet HTML 2Page - ETAL Group P5059 Datasheet HTML 3Page - ETAL Group P5059 Datasheet HTML 4Page - ETAL Group P5059 Datasheet HTML 5Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P5059
ETALDOC 863/2
Page 4 of 5
June 2005
Improved matching and hybrid
Insertion Loss (Line to RXA): 2.8dB @ 2kHz
Frequency Response : ±0.2dB 30Hz – 10kHz
Return Loss: 20dB 200Hz – 4kHz
Transhybrid Loss: 30dB 50Hz – 10kHz
Insertion Loss (Line to RXA): 2.2dB @ 2kHz
Frequency Response : ±0.5dB 50Hz – 4kHz
Return Loss: 20dB 200Hz – 4kHz
Transhybrid Loss: 18dB 200Hz – 4kHz
600
Ω Instrumentation
CERTIFICATION
Insertion Loss: 1.5dB @ 2kHz
Frequency Response : ±0.2dB 20Hz – 20kHz
Return Loss: 16dB 20Hz – 20kHz
SAFETY
Constructed
in
accordance
with
IEC 60950-1,
EN 60950-1,
and
UL 60950-1,
supplementary
insulation for a primary circuit, 250Vrms maximum
working voltage, flammability class V-1.
Certified under the IEC CB scheme (Certificate
GB597W) to IEC 60950 Third Edition 1999 sub-
clauses 1.5, 1.5.1, 1.5.2, 2.9, 2.9.1, 2.9.2, 2.9.4,
2.9.5, 2.10, 2.10.1, 2.10.3, 2.10.3.1, 2.10.3.2,
2.10.4, 2.10.5, 2.10.5.1, 2.10.5.2, 2.10.5.4, 4.5.2,
4.7, 4.7.3, 4.7.3.1, 4.7.3.4, (Flammability Class
V-1), 5.2, 5.2.1, and 5.2.2 for a maximum
working voltage of 250Vrms, nominal mains
supply voltage not exceeding 250Vrms and a
maximum operating temperature of +85ºC in
Pollution Degree 2 environment, supplementary
insulation
Recognized under the Component Recognition
Program of Underwriters Laboratories Inc. to US and
Canadian
requirements
CAN/CSA
C22.2
No. 60950-1-03/UL 60950-1, First Edition, based on
IEC 60950-1,
First
Edition,
maximum
working
voltage
250Vrms,
Pollution
Degree
2,
supplementary insulation.
UL File number E203175
Additionally, Profec Technologies certifies all
transformers as providing voltage isolation of
2.12kVrms, 3kV DC minimum. All shipments are
supported by a certificate of conformity to current
applicable safety standards.
600Ω
Fig . 6
LINE
600
10nF
560
1k
1nF
10k
RXA
TXA2
TXA1
μ
22 F
10nF
1nF
LINE
270
(220)
750
(820)
μ
22 F
150nF
(120nF)
750
100nF*
* Note: 100nF c apac itor should ha ve a temperature stab le dielec tric
120
European CTR21/(Australia, etc.)
Fig. 7
RXA
TXA2
TXA1
1k
10k
μ
μ
47 F*
μ
47 F*
600Ω
Fig . 8
600Ω
600Ω
6.8nF
6.8nF
* If no DC bloc k required, one of these c apac itors c an b e removed and
the other set to 22 F, or, if preferred, both c a pa c itors c an be eliminated.
Patented



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com