Electronic Components Datasheet Search
  English  ▼

X  

P5059 Datasheet(PDF) 5 Page - ETAL Group

Part # P5059
Description  LOW DISTORTION LINE MATCHING TRANSFORMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P5059 Datasheet(HTML) 5 Page - ETAL Group

  P5059 Datasheet HTML 1Page - ETAL Group P5059 Datasheet HTML 2Page - ETAL Group P5059 Datasheet HTML 3Page - ETAL Group P5059 Datasheet HTML 4Page - ETAL Group P5059 Datasheet HTML 5Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
P5059
ETALDOC 863/2
Page 5 of 5
June 2005
CONSTRUCTION
Dimensions shown are in millimetres (inches).
Geometric centres of outline and pin grid coincide within a tolerance circle of 0.6mmØ.
Windings may be used interchangeably as primary or secondary.
Total weight typically 7.5g.
ABSOLUTE MAXIMUM RATINGS
COPYRIGHT
(Ratings of components independent of circuit).
Short term isolation voltage (1s)
DC current
Storage temperature
Lead temperature, 10s
4.6kVrms,
6.5kVDC
100
μA
-40ºC to
+85ºC
260ºC
ETAL, P5056 and P5059 are Trade Marks of
Profec Technologies Ltd.
The Trade Mark ETAL is registered at the UK
Trade Marks Registry.
Profec Technologies Ltd. is the owner of the
design right under the Copyright Designs and
Patents Act 1988 and no rights or licences are
hereby granted or implied to any third party.
P5059 design and construction are protected by
patents.
British Patent No. 2333646.
US Patent No. 6,344,787.
European Patent No. 1082734
China Patent No. ZL 99806739.3
Other patents pending.
© 1998 – 2005 Profec Technologies Ltd.
Reproduction prohibited.
ETAL Group Oy, Kuormatie 14, FIN-03101, Nummela
Telephone: +358 (0)20 7500 330
Fax: +358 (0)20 7500 333
Website: www.etalgroup.com
Email: etalgroup@egruppen.com
Connections
FM 25326
ISO 9001
E203175
17.8 ma x
(0.70 m ax)
17.8 ma x
(0.70 m ax)
11.8 ma x
(0.46 m ax)
A
1
3
4
6
1
6
3
4
46
1
3
e2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com