Electronic Components Datasheet Search
  English  ▼

X  

P7612 Datasheet(PDF) 2 Page - ETAL Group

Part # P7612
Description  HIGH POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7612 Datasheet(HTML) 2 Page - ETAL Group

  P7612 Datasheet HTML 1Page - ETAL Group P7612 Datasheet HTML 2Page - ETAL Group P7612 Datasheet HTML 3Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
P7612
ETALDOC 851/3
Page 2 of 3
July 2005
SPECIFICATIONS
Electrical
0605 size
Part Number
Inductance (µH)
(1)
DCR (mΩ) Max
IRMS (A)
(2)
Isat (A)
(3)
P7612-0605-R10Y
0.10±30%
0.5
30
37
P7612-0605-R15Y
0.15±30%
0.5
24
30
P7612-0605-R20Y
0.20±30%
0.5
19
24
1005 size
Part Number
Inductance (µH)
(1)
DCR (mΩ) Max
IRMS (A)
(2)
Isat (A)
(3)
P7612-1005-R10Y
0.10±30%
0.65
40
50
P7612-1005-R15M
0.15±20%
0.65
40
42
P7612-1005-R20M
0.20±20%
0.65
30
35
1208 size
Part Number
Inductance (µH)
(1)
DCR (mΩ) Max
IRMS (A)
(2)
Isat (A)
(3)
P7612-1208-R15Y
0.15±30%
0.6
50
55
P7612-1208-R21M
0.21±20%
0.6
45
50
P7612-1208-R26M
0.26±20%
0.6
40
45
P7612-1208-R32M
0.32±20%
0.6
40
41
P7612-1208-R44M
0.44±20%
0.6
28
30
Notes
1. Inductance measured at 1MHz, 250mV (P7612-1208 500kHz, 100mV).
2. IRMS is the current at which the temperature rise is 40ºC typical, neglecting core losses.
3. Isat is the DC current at which the zero-current inductance drops by 30% (P7612-1208 20%).
4. Operating temperature (part, i.e. ambient + temp rise) -55ºC to +125ºC.
5. For non-standard inductance values, please contact Profec.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com