Electronic Components Datasheet Search
  English  ▼

X  

P7612 Datasheet(PDF) 3 Page - ETAL Group

Part # P7612
Description  HIGH POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7612 Datasheet(HTML) 3 Page - ETAL Group

  P7612 Datasheet HTML 1Page - ETAL Group P7612 Datasheet HTML 2Page - ETAL Group P7612 Datasheet HTML 3Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
P7612
ETALDOC 851/3
Page 3 of 3
July 2005
CONSTRUCTION
Dimensions shown are in millimetres
Terminal plating JESD97 category = e3.
Recommended reflow solder profile:
2 minutes @ 150-200ºC,
10 seconds @ 260ºC;
time above 217ºC 60 seconds maximum.
ORDERING CODE
ABSOLUTE MAXIMUM RATINGS
Storage temperature
-55ºC to
+125ºC
Operating temperature
-55ºC to
+125ºC
Component body temperature
+125ºC
Soldering temperature profile peak
260ºC 10s
P7612-
-
T
Tape and Reel
Tolerance:
M = ±20%
Y = ±30%
see tabulated values
for correct tolerance.
Inductance code
Size:
(0605, 1005 or 1208)
Type code
Handle
in
accordance
with
IPC/JEDEC
J-STD-033 procedure for components classified
as IPC/JEDEC J-STD-020 Moisture Sensitivity
Level 2.
ETAL Group Oy, Kuormatie 14, FIN-03101, Nummela
Telephone: +358 (0)20 7500 330
Fax: +358 (0)20 7500 333
Website: www.etalgroup.com
Email: etalgroup@egruppen.com
FM 25326
ISO 9001
MAX
7.2
1.5± 0.5
2.5
2.5
PCBPATTERN
Fig. 1
P7612-0605 dimensions
MARKING
INDUCTANCECODE
e3
5.5
2.5
MAX
10.2
1.5± 0.5
PCBPATTERN
MARKING
INDUCTANCECODE
Fig. 2
P7612-1005 dimensions
e3
Fig. 3
P7612-1208 dimensions
MAX
12.95
2.54 ± 0.50
7.4
3.65
PCBPATTERN
MARKING
INDUCTANCE CODE
e3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com