Electronic Components Datasheet Search
  English  ▼

X  

P7612 Datasheet(PDF) 1 Page - ETAL Group

Part # P7612
Description  HIGH POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7612 Datasheet(HTML) 1 Page - ETAL Group

  P7612 Datasheet HTML 1Page - ETAL Group P7612 Datasheet HTML 2Page - ETAL Group P7612 Datasheet HTML 3Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ETALDOC 851/3
Page 1 of 3
July 2005
PRODUCT DATA SHEET
HIGH POWER INDUCTOR
P7612 Family
Features
Applications
∗ Lead-free (Pb-free)
∗ DC-DC Converters
∗ RoHS compliant
∗ Voltage Regulator Modules
∗ High Current (to 55A Saturation)
∗ Distributed Power
∗ Low DCR (to 0.5mΩ)
∗ MPU power supplies
∗ Low inductance values 0.1–0.44µH
∗ PDA/Notebook/Desktop/Server
∗ Wide temperature range -55ºC to +125ºC
∗ Telecom equipment
∗ Closed magnetic circuit
∗ Surface mount
∗ Flat top for pick and place
∗
DESCRIPTION
The P7612 family comprises high-energy-density
surface mount inductors for high current power
converters operating at up to 1MHz. The family
handles large transient current spikes without
saturation. Inductance values are available as low
as 0.1µH.
Components are available in three mechanical
sizes and offer compact solutions for applications
requiring high energy storage.
The ferrite is moulded over the winding and
provides a robust, self shielded structure that
operates over a wide temperature range.
The P7612 family of components is compliant
with RoHS Directive 2002/95/EC, and is suitable
for Pb-free and conventional placement and
reflow.
P7612-0605
P7612-1005
P7612-1208


Similar Part No. - P7612

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P761 ETC2-P761 Datasheet
120Kb / 1P
SMP MALE HERMETIC SEAL THREAD-IN PANEL MOUNT TO STRAIGHT TERMINATION
logo
ETAL Group
P7610 ETAL-P7610 Datasheet
101Kb / 3P
ULTRA LOW PROFILE POWER INDUCTOR
P7610-1704-100M ETAL-P7610-1704-100M Datasheet
101Kb / 3P
ULTRA LOW PROFILE POWER INDUCTOR
P7610-1704-100MT ETAL-P7610-1704-100MT Datasheet
101Kb / 3P
ULTRA LOW PROFILE POWER INDUCTOR
P7610-1704-101M ETAL-P7610-1704-101M Datasheet
101Kb / 3P
ULTRA LOW PROFILE POWER INDUCTOR
More results

Similar Description - P7612

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7600 ETAL-P7600 Datasheet
114Kb / 3P
HIGH POWER INDUCTOR
P7601 ETAL-P7601 Datasheet
130Kb / 3P
HIGH POWER INDUCTOR
P7608 ETAL-P7608 Datasheet
110Kb / 3P
HIGH POWER INDUCTOR
P7611 ETAL-P7611 Datasheet
105Kb / 3P
HIGH POWER INDUCTOR
P7614 ETAL-P7614 Datasheet
534Kb / 9P
HIGH POWER INDUCTOR
logo
Caliber Electronics Inc...
PSSL-0804HC CALIBER-PSSL-0804HC Datasheet
26Kb / 1P
Power Inductor - High Current
logo
ETAL Group
P7614 ETAL-P7614 Datasheet
539Kb / 9P
HIGH POWER INDUCTOR
logo
Shenzhen Codaca Electro...
CSBL1250 CODACA-CSBL1250 Datasheet
947Kb / 5P
High Current Power Inductor
07/14/2020
CSBL1265 CODACA-CSBL1265 Datasheet
941Kb / 5P
High Current Power Inductor
07/14/2020
CPEX2626L CODACA-CPEX2626L Datasheet
962Kb / 6P
High Current Power Inductor
07/14/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com