Electronic Components Datasheet Search
  English  ▼

X  

UM0470 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0470
Description  STM8 SWIM communication protocol and debug module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0470 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0470 Datasheet HTML 10Page - STMicroelectronics UM0470 Datasheet HTML 11Page - STMicroelectronics UM0470 Datasheet HTML 12Page - STMicroelectronics UM0470 Datasheet HTML 13Page - STMicroelectronics UM0470 Datasheet HTML 14Page - STMicroelectronics UM0470 Datasheet HTML 15Page - STMicroelectronics UM0470 Datasheet HTML 16Page - STMicroelectronics UM0470 Datasheet HTML 17Page - STMicroelectronics UM0470 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Single wire interface module (SWIM)
UM0470
14/37
3.9
Physical layer
During the communication, the SWIM pin will be in pseudo-open drain configuration. The
SWIM pin in the device is capable of sinking 8 mA when it drives the line to 0. The external
pull-up on the SWIM line should be sized in such a way that the maximum rise time tr of the
SWIM line should be less than 1 sampling period of the bit (which is 100 ns +/- 4 %).
Figure 10.
Timings on SWIM pin
Table 3.
SWIM pin characteristics
Parameter
Symbol
Generic
formula
Timings for HSI = 10 MHz
LSI = 32 to 64 kHz
Min
Max
Fall time on SWIM pin
tf
TBD
50 ns
Rise time on SWIM pin
tr
TBD
96 ns
Inter-bit time
(The time which SWIM pin
stays high between 2 bits)
tib
TBD
>0
Inter-frame time
(Time between end of a
frame and the next one)
tif
TBD
0
Low time for a bit at 0
High speed: tb0
TBD
768 ns
832 ns
Low speed: tb0
TBD
1.6 µs
2.4 µs
Low time for a bit at 1
(High Speed)
High speed: Tb1
TBD
192 ns
208 ns
Low speed: Tb1
TBD
150 ns
250 ns
Injected current on SWIM
pin
TBD
8 mA
tf
tr
tib
SWIM pin
tb0/tb1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com