Electronic Components Datasheet Search
  English  ▼

X  

UM0470 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM0470
Description  STM8 SWIM communication protocol and debug module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0470 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM0470 Datasheet HTML 29Page - STMicroelectronics UM0470 Datasheet HTML 30Page - STMicroelectronics UM0470 Datasheet HTML 31Page - STMicroelectronics UM0470 Datasheet HTML 32Page - STMicroelectronics UM0470 Datasheet HTML 33Page - STMicroelectronics UM0470 Datasheet HTML 34Page - STMicroelectronics UM0470 Datasheet HTML 35Page - STMicroelectronics UM0470 Datasheet HTML 36Page - STMicroelectronics UM0470 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
UM0470
Debug module (DM)
33/37
4.12.10
DM control/status register 2 (DM_CSR2)
Address: 7F99h
Reset value: 0000 0000 (00h)
765
432
10
Reserved
SWBRK
SWBKF
STALL
Reserved
FLUSH
rw
r
r
rw
Bits 7:6
Reserved. Must be kept at 0
Bit 5
SWBKE Software breakpoint control bit (read/write)
This bit is used to enable/disable the software breakpoint capability with NOP
instruction
0: DM does not generate any event when NOP(SW BRK) instruction is fetched by
CPU
1: DM generates an event (CPU stalled in SWIM mode) when a software break
instruction is fetched by CPU.
Bit 4
SWBKF Software breakpoint status bit (read only)
This flag is set when the CPU executes the software break instruction.
0: No software break instruction detected.
1: Software break instruction detected. This bit is cleared when the STALL bit is
cleared.
Bit 3
STALL CPU stall control bit (R/W only in SWIM mode)
This bit is used to stall the CPU. This bit is kept cleared if the device is not in SWIM
mode.
This bit is set by WOTF command to generate an ABORT equivalent command
It is also set by an DM trap interrupt event.
This bit is cleared by WOTF command to re-start the CPU.
0: CPU runs normally
1: CPU is stalled
Bit: 2:1
Reserved. Must be kept at 0
Bit: 10
FLUSH Flush decode
This bit is set by software to flush the instruction decode phase after a PC
modification. It is cleared by hardware when the flush is completed.
0: Default status
1: Flush decode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com