Electronic Components Datasheet Search
  English  ▼

X  

UM0470 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UM0470
Description  STM8 SWIM communication protocol and debug module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0470 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UM0470 Datasheet HTML 26Page - STMicroelectronics UM0470 Datasheet HTML 27Page - STMicroelectronics UM0470 Datasheet HTML 28Page - STMicroelectronics UM0470 Datasheet HTML 29Page - STMicroelectronics UM0470 Datasheet HTML 30Page - STMicroelectronics UM0470 Datasheet HTML 31Page - STMicroelectronics UM0470 Datasheet HTML 32Page - STMicroelectronics UM0470 Datasheet HTML 33Page - STMicroelectronics UM0470 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
Debug module (DM)
UM0470
30/37
4.12.7
DM control register 1 (DM_CR1)
Address: 7F96h
Reset value: 0000 0000 (00h)
765
432
10
WDGOFF
Reserved
BC[2:0]
BIR
BIW
Reserved
rw
-
rwrwrw
rw
rw
Bit 7
WDGOFF Watchdog control enable.
This bit must be set or cleared by software before the watchdogs (WWDG and/or
IWDG) are activated. This bit has no effect if the hardware watchdog option is
selected.
0: Watchdog counters are not stopped while CPU is stalled by DM
1: Watchdog counters are stopped while CPU is stalled by DM
Bit 6
Reserved.
Bits 5:3
BC[2:0] Breakpoint control
These bits are set and cleared by software, they are used to configure the
breakpoints as shown in Table 4.
Bit 2
BIR Break on read control
This bit enables a breakpoint on a data read operation. It is set and cleared by
software.
0: No break on data read
1: Break on data read
Bit 1
BIW Break on write control
This bit enables a breakpoint on a data write operation. It is set and cleared by
software.
0: No break on data write
1: Break on data write
Bit 0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com