Electronic Components Datasheet Search
  English  ▼

X  

SPW34119D Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SPW34119D
Description  Low Power Audio Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SPW34119D Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SPW34119D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SPW34119D Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SPW34119D Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SPW34119D Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SPW34119D Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SPW34119D Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SPW34119D Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH SPW34119D Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH SPW34119D Datasheet HTML 9Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Elektronische Bauelemente
SPW34119D
Low Power Audio
Amplifier
* Requires Few External Components
* Chip Disable Input To Power Down The IC
* Drives a Wide Range Of Speaker Loads (8
And Up)
* Wide Operating Supply Voltage Range (2V to 16V),
Allows Telephone Line Powered Applications
* Gain Adjustable from <0 dB to> 46dB For Voice Band
* Low Quiescent Supply Current (2.7mA Typ) For Battery
Powered Applications
* Low Total Harmonic Distortion (0.5% Typ)
* Output Power Exceeds 250 mW with 32
Speaker
Features
The SPW34119D is a low power audio amplifier integrated circuit
intended (primarily) for telephone applications, such as in speaker-
phones. It provides differential speaker outputs to max. output
swing at low supply voltages (2V min.). Coupling capacitors to the
speaker are not required. Open loop gain is 80dB, and the closed
loop gain is set with two external resistors. A Chip Disable pin
permits powering down and/or muting the input signal.
Description
01-Jun-2002 Rev. A
Page 1 of 9
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
RoHS Compliant Product
SEATING PLANE
e
b
Z
Z
D
SECTION Z - Z
b
GAUGE PLANE
DIP-8
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
-
0.5334
c1
0.203
0.279
A1
0.381
-
D
9.017
10.16
A2
2.921
4.953
E
6.096
7.112
b
0.356
0.559
E1
7.620
8.255
b1
0.356
0.508
e
2.540 BSC
b2
1.143
1.778
HE
-
10.92
b3
0.762
1.143
L
2.921
3.810
c
0.203
0.356
rogrammed by
pacitor CT to ground .Operation 500kHz
nts up to
This is the reference output .It provides charging current for capacitor CT
Ω
Ω
Block Diagram and Simplified Application & Pin Configuration


Similar Part No. - SPW34119D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SPW31002D SECOS-SPW31002D Datasheet
686Kb / 3P
Bipolar Tone Ringer ICS
SPW31002S SECOS-SPW31002S Datasheet
734Kb / 3P
Bipolar Tone Ringer ICs
logo
Infineon Technologies A...
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
827Kb / 12P
Cool MOS??Power Transistor
Rev. 2.5 2008-02-11
logo
Inchange Semiconductor ...
SPW32N50C3 ISC-SPW32N50C3 Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
More results

Similar Description - SPW34119D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC34119 UTC-UTCMC34119 Datasheet
86Kb / 4P
LOW POWER AUDIO AMPLIFIER
logo
System Logic Semiconduc...
SL34119 SLS-SL34119 Datasheet
75Kb / 6P
Low Power Audio Amplifier
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119 Datasheet
492Kb / 11P
Low Power Audio Amplifier
logo
Wuxi Youda electronics ...
YD8602 YOUDA-YD8602 Datasheet
80Kb / 5P
LOW POWER AUDIO AMPLIFIER
logo
List of Unclassifed Man...
GP34119 ETC2-GP34119 Datasheet
551Kb / 8P
LOW POWER AUDIO AMPLIFIER
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119_07 Datasheet
744Kb / 13P
Low Power Audio Amplifier
logo
SeCoS Halbleitertechnol...
SSGSC34119 SECOS-SSGSC34119 Datasheet
1Mb / 9P
Low Power Audio Amplifier
logo
Freescale Semiconductor...
MC34119P FREESCALE-MC34119P Datasheet
271Kb / 12P
Low Power Audio Amplifier
MC34119DTBR2 FREESCALE-MC34119DTBR2 Datasheet
271Kb / 12P
LOW POWER AUDIO AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGP34119 SECOS-SGP34119 Datasheet
1Mb / 9P
Low Power Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com