Electronic Components Datasheet Search
  English  ▼

X  

SPW34119D Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SPW34119D
Description  Low Power Audio Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SPW34119D Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SPW34119D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SPW34119D Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SPW34119D Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SPW34119D Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SPW34119D Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SPW34119D Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SPW34119D Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH SPW34119D Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH SPW34119D Datasheet HTML 9Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
01-Jun-2002 Rev. A
Page
3 of 9
ht tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
(UVLO)
Electrical Characteristics (TA=25 : unless otherwise noted.)
Characteristics
Symbol
Test Conditions
Min
Typ.
Max.
Unit
Amplifiers (AC Characteristics)
AC Input Resistance
ri
@ Vin
-
>30
-
M
Open Loop Gain
AVOL1 Amplifier #1, f<100Hz
80
-
-
dB
Close Loop Gain
AV2
Amplifier #2, VCC=6V, f=1kHz, RL=32
-0.35
0
+0.35
dB
Gain Bandwidth Product
GBW -
-
1.5
-
MHz
Output Power
POut3
POut6
POut12
VCC= 3V, RL= 16 , THD
10%
VCC= 6V, RL= 32 , THD
10%
VCC=12V, RL=100 , THD
10%
55
250
400
-
-
-
-
-
-
mW
Total Harmonic Distortion
(f=1kHz)
THD
VCC= 6V, RL=32 ,
Pout=125mW
VCC
3V, RL= 8 ,
Pout= 20mW
VCC 12V, RL=32 ,
Pout=200mW
-
-
-
0.5
0.5
0.6
1.0
-
-
%
Power Supply Rejection
(VCC=6V, VCC=3V)
PSRR
C1= , C2=0.01uF
C1=0.1uF, C2=0, f=1kHz
C1=1.0uF, C2=5.0uF, f=1kHz
50
-
-
-
12
52
-
-
-
dB
Differential Muting
GMT VCC=6V, 1kHz f 20kHz, CD=2V
-
>70
-
dB
Amplifiers (DC Characteristics)
Output DC Level
VO(3)
VO(6)
VO(12)
VO1, VO2, VCC=3V, RL=16 , (Rf=75k)
VCC= 6V
VCC=12V
1.0
-
-
1.15
2.65
5.65
1.25
-
-
Vdc
Output Level
VOH
VOL
High Iout=-75mA, 2V VCC
16V
Low Iout= 75mA, 2V VCC
16V
-
-
VCC-1
0.16
-
-
Vdc
Output DC Offset Voltage
(VO1-VO2)
VO
VCC =6V, Rf=75k , RL=32
-30
0
+30
mV
Input Bias Current
IIB
Vin(VCC=6V)
-
-100
-200
nA
Equivalent Resistance
RFC1
RFC2
FC1(VCC =6V)
FC2(VCC =6V)
100
18
150
25
220
40
k
Chip Disable(Pin1)
Input Voltage
VIL
VIH
Low
High
-
2.0
-
0.8
-
Vdc
Input Resistance
RCD VCC= VCD=16V
50
90
175
k
Power Supply
Power Supply Current
ICC3
ICC16
ICCD
VCC= 3V, RL= , CD=0.8V
VCC=16V, RL= , CD=0.8V
VCC= 3V, RL= , CD=2.0V
-
-
-
2.7
3.3
65
4.0
5.0
100
mA
mA
uA
Note: Currents into a pin are positive, currents out of a pin are negative.
SPW34119D
Low Power Audio
Amplifier



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com