Electronic Components Datasheet Search
  English  ▼

X  

LBCW70LT3G Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LBCW70LT3G
Description  General Purpose Transistors PNP Silicon
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBCW70LT3G Datasheet(HTML) 4 Page - Leshan Radio Company

  LBCW70LT3G Datasheet HTML 1Page - Leshan Radio Company LBCW70LT3G Datasheet HTML 2Page - Leshan Radio Company LBCW70LT3G Datasheet HTML 3Page - Leshan Radio Company LBCW70LT3G Datasheet HTML 4Page - Leshan Radio Company LBCW70LT3G Datasheet HTML 5Page - Leshan Radio Company LBCW70LT3G Datasheet HTML 6Page - Leshan Radio Company LBCW70LT3G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LESHAN RADIO COMPANY, LTD.
4/7
TYPICAL STATIC CHARACTERISTICS
I
B , BASE CURRENT (mA)
Figure 6. Collector Saturation Region
I
C , COLLECTOR CURRENT (mA)
Figure 11. Temperature Coefficients
V
CE , COLLECTOR–EMITTER VOLTAGE (VOLTS)
Figure 7. Collector Characteristics
I
C , COLLECTOR CURRENT (mA)
Figure 10. “On” Voltages
θ
VB for V BE
∗ θ
VC for V CE(sat)
V
BE(on)@ V CE= 1.0 V
V
CE(sat) @ I C /I B = 10
V
BE(sat) @ I C /I B = 10
T
J=25°C
I
C= 1.0 mA
50 mA
100 mA
10 mA
T
J = 25°C
*APPLIES for I
C / I B< h FE / 2
T
A = 25°C
PULSE WIDTH =300
µs
DUTY CYCLE<2.0%
I
B= 400 mA
150
µA
200
µA
250
µA
350
µA
–55°C to 25°C
–55°C to 25°C
25°C to 125°C
25°C to 125°C
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
1.6
0.8
0
–0.8
–1.6
–2.4
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
1.0
0.8
0.6
0.4
0.2
0
0.002 0.0050.010.02
0.05 0.1 0.2
0.5 1.0 2.0
5.0
10
20
100
80
60
40
20
0
0
5.0
10
15
20
25
30
35
40
100
µA
50
µA
300
µA
LBCW69LT1G LBCW70LT1G



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com