Electronic Components Datasheet Search
  English  ▼

X  

LBCW70LT3G Datasheet(PDF) 6 Page - Leshan Radio Company

Part # LBCW70LT3G
Description  General Purpose Transistors PNP Silicon
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBCW70LT3G Datasheet(HTML) 6 Page - Leshan Radio Company

  LBCW70LT3G Datasheet HTML 1Page - Leshan Radio Company LBCW70LT3G Datasheet HTML 2Page - Leshan Radio Company LBCW70LT3G Datasheet HTML 3Page - Leshan Radio Company LBCW70LT3G Datasheet HTML 4Page - Leshan Radio Company LBCW70LT3G Datasheet HTML 5Page - Leshan Radio Company LBCW70LT3G Datasheet HTML 6Page - Leshan Radio Company LBCW70LT3G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LESHAN RADIO COMPANY, LTD.
6/7
T
J , JUNCTION TEMPERATURE (°C)
Figure 15. Typical Collector Leakage Current
V
CC
= 30 V
104
103
102
101
100
10–1
10–2
–4
–2
0
+20
+40
+60
+80
+100
+120
+140
+160
I
CBO
AND
I
CEX @ V BE(off) = 3.0 V
I
CEO
DESIGN NOTE: USE OF THERMAL RESPONSE DATA
A train of periodical power pulses can be represented by the
model as shown in Figure 16. Using the model and the device
thermal response the normalized effective transient thermal resis-
tance of Figure 14 was calculated for various duty cycles.
To find Z
θJA(t) , multiply the value obtained from Figure 14 by the
steady state value R θ
JA .
Example:
Dissipating 2.0 watts peak under the following conditions:
t
1 = 1.0 ms, t 2 = 5.0 ms. (D = 0.2)
Using Figure 14 at a pulse width of 1.0 ms and D = 0.2, the reading
of r(t) is 0.22.
The peak rise in junction temperature is therefore
∆T = r(t) x P
(pk) x R
θJA = 0.22 x 2.0 x 200 = 88°C.
For more information, see AN–569.
LBCW69LT1G LBCW70LT1G



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com