Electronic Components Datasheet Search
  English  ▼

X  

AI4402 Datasheet(PDF) 9 Page - A1 PROs co., Ltd.

Part # AI4402
Description  Signal Processor for CCD Monochrome Camera
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI4402 Datasheet(HTML) 9 Page - A1 PROs co., Ltd.

Back Button AI4402 Datasheet HTML 5Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 6Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 7Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 8Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 9Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 10Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 11Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 12Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 13Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Ai4402
*Characteristics value at DRIVER GAIN item
No.
Item
Conditions
Min
Max
Typ
Unit
Symbol
V
IRIS OUT DC
DC output level of IRIS
12
1.1
1.3
1.5
IDC
mV
¥ ã
1 output level
Test value of¥ ã
1 output level
¥ ã
IN input = 500mV
7
530 630 730
¥ ã
1
mV
¥ ã
2 output level
Test value of¥ ã
2 output level
¥ ã
IN input = 500mV, S9 ON
8
580 680 780
¥ ã
2
V
DET OUT DC
DC output level of DET OUT
10
1.8
2.0
2.2
DDC
dB
DRIVER GAIN
GAIN between DRIVER IN and VIDEO
DRIVER IN = 700mV
13
5.7
6.0
6.3
DG
IRIS AMP GAIN
GAIN between DATA input and IRIS
DATA input = 300mV
11
8
10
12
IG
dB
Current consumption
Current value of Vcc1 and Vcc2
AGC CONT = 1.5V
1
45
50
65
Icc
mA
Min. value of AGC
CONT
3
-
1
4
AG1
dB
Max. value of AGC
CONT
GAIN between DATA input and AGC OUT
DATA input = 30mV, AGC CONT =1.5V
4
30
32
-
AG2
dB
AGC CONT 10dB
GAIN between DATA input and AGC OUT
DATA input = 320mV, AGC CONT =3.55V
5
8
10
12
AG3
dB
AGC OUT DC
DC output level of AGC OUT
6
2.25
2.85
2.55
ADC
V
Min. value of AGC
MAX
GAIN between DATA input and AGC OUT
DATA input = 100mV
AGC MAX = 4V, AGC CONT = 1.5V
2
-
18
20
MAX
dB
LINEAR AMP GAIN
GAIN between¥ ã
IN input level and LINEAR
¥ ã
IN input = 500mV
9
1.5
2.6
3.5
LG
dB
SYNC level
SYNC level / DG* of VIDEO output
14
270 293 316
SY
mV
Dark clip 1
Dark clip level of preset mode 1
Dark clip level / DG* of VIDEO output
15
-15
0
15
DC1
mV
Dark clip 2
Dark clip level of preset mode 2
Dark clip level / DG* of VIDEO output
16
0
20
40
DC2
mV
Min. value of DC
CONT
Dark clip level / DG* of VIDEO output
DC CONT = 2V
17
-
3
5
DC3
mV
Max. value of DC
CONT
Dark clip level / DG* of VIDEO output
DC CONT = 3.3V
18
80
130
-
DC4
mV
W-CLIP level
W-CLIP level / DG* of VIDEO output
DRIVER IN =1500mV, WC CONT = GND
19
780 820 860
WC1
mV
Min. value of WC
CONT
W-CLIP level / DG* of VIDEO output
DRIVER IN =1500mV, WC CONT =2.2V
20
-
300 600
WC2
mV
Max. value of WC
CONT
W-CLIP level / DG* of VIDEO output
DRIVER IN =1500mV, WC CONT =3.3V
21
1000
-
1300
WC3
mV
OP AMP output D
range Low level
DC output level of OP OUT
OP IN+ = 2.5V, OP IN- = 4V
22
-
0.8
1.2
OPL
V
OP AMP output D
range High level
DC output level of OP OUT
OP IN+ = 4V, OP IN- = 2.5V
23
4.5
4.8
-
OPH
V
GAIN between DATA input and AGC OUT
DATA input = 500mV, AGC CONT = 5V
Electrical Characteristics(Ta=25 ¡ É
, Vcc=5V,See Electrical Characteristics Test Circuit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com