Electronic Components Datasheet Search
  English  ▼

X  

AI4402 Datasheet(PDF) 3 Page - A1 PROs co., Ltd.

Part # AI4402
Description  Signal Processor for CCD Monochrome Camera
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI4402 Datasheet(HTML) 3 Page - A1 PROs co., Ltd.

  AI4402 Datasheet HTML 1Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 2Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 3Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 4Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 5Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 6Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 7Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 8Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Ai4402
480§ Ë
8
150¥ Ø
10
150¥ Ø
NO.
Symbol
I/O signal
Description
7
DRIVE IN
Inputs¥ ã
OUT
through capacitor
or LINEAR
Input pin to driver
8
¥ ãOUT
Gamma
compensation signal
output pin.
Outputs¥ ã
1 when
Pin 9 at OPEN
outputs¥ ã
2 when
Pin 9 turned to 5V
DC 2V
9
LINEAR
Linear signal (¥ ã
-OFF
signal) output pin
DC 1.8V
* Vcc
Pin 8 output signal
turns to¥ ã
2 output
10
¥ ãCLP
Capacitor connecting
pin for gamma input
clamp
*External applied voltage
40 § Ë
7
150¥ Ø
15 § Ë
9
480§ Ë
Equivalent circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com