Electronic Components Datasheet Search
  English  ▼

X  

AI4402 Datasheet(PDF) 4 Page - A1 PROs co., Ltd.

Part # AI4402
Description  Signal Processor for CCD Monochrome Camera
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI4402 Datasheet(HTML) 4 Page - A1 PROs co., Ltd.

  AI4402 Datasheet HTML 1Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 2Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 3Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 4Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 5Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 6Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 7Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 8Page - A1 PROs co., Ltd. AI4402 Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Ai4402
320§ Ë
13
160§ Ë
80§ Ë
11
150¥ Ø
NO.
Symbol
I/O signal
Description
11
Input DC
permissible range
*DC2 to 3V
Input pin of the
gamma
compensation circuit
12
AGC OUT
Output pin of signal
passed through AGC
Vpp MAX 1300mV
Vpp TYP 500mV
DC
2.55V
13
DET OUT
Output pin of AGC
detection signal
MAX 1500mV
TYP
500mV
DC
2V
14
AGC MAX
Maximum gain
setting pin of AGC
amplifier
¥ ãIN
* DC
15
Vcc1
*5V
Power supply for
other than driver
and IRIS
*External applied voltage
Equivalent circuit
700§ Ë
12
14
20§ Ë
150¥ Ø



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com