Electronic Components Datasheet Search
  English  ▼

X  

IMP5245 Datasheet(PDF) 1 Page - A1 PROs co., Ltd.

Part # IMP5245
Description  LVD SCSII Termiinattor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP5245 Datasheet(HTML) 1 Page - A1 PROs co., Ltd.

  IMP5245 Datasheet HTML 1Page - A1 PROs co., Ltd. IMP5245 Datasheet HTML 2Page - A1 PROs co., Ltd. IMP5245 Datasheet HTML 3Page - A1 PROs co., Ltd. IMP5245 Datasheet HTML 4Page - A1 PROs co., Ltd. IMP5245 Datasheet HTML 5Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©
2002 IMP, Inc.
408-432-9100/www.impweb.com
1
Key Features
N 2.5pF typical disabled output capacitance
N Fast response
N No external VREF capacitors required
N 5µA supply current in disconnect mode
N 20mA supply current during normal operation
N Logic command disconnects all termination lines
N Diffsense line driver
N Current limit and thermal protection
N Compatible with the pending SPI-2 LVD
specification
N Pin compatible to the UCC5640
Block Diagram
IMP52
IMP52 45/46
45/46
L
LVD SCSI T
VD SCSI Ter
erminat
minator
or
– Ultr
– Ultra2/3 SCSI
a2/3 SCSI
– 9 Channels
– 9 Channels
– Eliminat
– Eliminates Ext
es Exter
ernal V
nal VREF
REF
Capacit
Capacitor
or
The IMP5245/5246 ICs are Low Voltage Differential (LVD) terminators
designed to comply with the LVD termination specification in the SPI-2
document. The IMP5245/5246 are designed specifically for LVD appli-
cations. Because the IMP5245/5246 support only LVD, they have lower
output capacitance than multimode terminators.
The IMP5245/5246 deliver the ultimate in SCSI bus performance while
saving component cost and board area. Elimination of the external
capacitors also mitigates the need for a lengthy capacitor selection
process. The individual high bandwidth drivers also maximize channel
separation and reduces channel-to-channel noise and cross talk. The
high-bandwidth architecture insures ULTRA-2 performance, while pro-
viding a clear migration path to ULTRA-3 and beyond.
When the IMP5245/5246 are enabled, the differential sense (DIFF-
SENSE) pin supplies a voltage between 1.2V and 1.4V. The terminator
DIFFSENSE output is connected to the system DIFFSENSE line. If there
are no single ended or HVD devices attached to the system the LVD
output will be enabled. If the DIFFSENSE line is LOW, indicating a
single ended device, the IMP5245/5246 output will be in a high-
impedance state. If the DIFFSENSE line is HIGH, indicating a high
5245/46_01.eps
DISC
DISC (IMP5246)
1.25V
1.3V
VCM
VOS/2
VOS/2
R+
R–
DIFFB
DIFFSENSE
OUT
(+)
(–)
voltage differential device, the IMP5245/5246 output will
also be in a high-impedance state.
The IMP5245/5246 ICs have a TTL compatible disconnect
pin. The IMP5245 is active LOW and the IMP5246 is active
HIGH. During sleep mode, power supply current is
reduced to just 5
µA. During sleep mode all outputs are in
a high-impedance state. Also during sleep mode, the
DIFFSENSE function is disabled and is placed in a high-
impedance state.
DATA COMMUNICATIONS


Similar Part No. - IMP5245

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP5218 IMP-IMP5218 Datasheet
293Kb / 10P
9--Liine Pllug and Pllay SCSII Termiinattor
logo
A1 PROs co., Ltd.
IMP5218 A1PROS-IMP5218 Datasheet
310Kb / 10P
9--Liine Pllug and Pllay SCSII Termiinattor
07/31/00
logo
IMP, Inc
IMP5218CDW IMP-IMP5218CDW Datasheet
293Kb / 10P
9--Liine Pllug and Pllay SCSII Termiinattor
logo
A1 PROs co., Ltd.
IMP5218CDW A1PROS-IMP5218CDW Datasheet
310Kb / 10P
9--Liine Pllug and Pllay SCSII Termiinattor
07/31/00
logo
IMP, Inc
IMP5218CDWT IMP-IMP5218CDWT Datasheet
293Kb / 10P
9--Liine Pllug and Pllay SCSII Termiinattor
More results

Similar Description - IMP5245

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP5115 IMP-IMP5115 Datasheet
200Kb / 6P
9--Liine SCSII Termiinattor-35MHz Channell Bandwiidtth
IMP5111 IMP-IMP5111 Datasheet
158Kb / 6P
9--Liine SCSII Termiinattor - 35MHz Channell Bandwiidtth
IMP5218 IMP-IMP5218 Datasheet
293Kb / 10P
9--Liine Pllug and Pllay SCSII Termiinattor
IMP5219 IMP-IMP5219 Datasheet
294Kb / 10P
9--Liine SCSII Termiinattor
logo
A1 PROs co., Ltd.
IMP5111CDP A1PROS-IMP5111CDP Datasheet
163Kb / 6P
9--Liine SCSII Termiinattor - 35MHz Channell Bandwiidtth
08/19/02
IMP51115 A1PROS-IMP51115 Datasheet
205Kb / 6P
9--Liine SCSII Termiinattor
08/19/02
IMP5218 A1PROS-IMP5218 Datasheet
310Kb / 10P
9--Liine Pllug and Pllay SCSII Termiinattor
07/31/00
IMP5219 A1PROS-IMP5219 Datasheet
312Kb / 10P
9--Liine SCSII Termiinattor
07/31/00
IMP5225 A1PROS-IMP5225 Datasheet
210Kb / 6P
18--Liine Pllug and Pllay SCSII Termiinattor
08/19/02
IMP5226 A1PROS-IMP5226 Datasheet
154Kb / 6P
18--Liine Pllug and Pllay SCSII Termiinattor
08/19/02
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com