Electronic Components Datasheet Search
  English  ▼

X  

IMP5245 Datasheet(PDF) 3 Page - A1 PROs co., Ltd.

Part # IMP5245
Description  LVD SCSII Termiinattor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP5245 Datasheet(HTML) 3 Page - A1 PROs co., Ltd.

  IMP5245 Datasheet HTML 1Page - A1 PROs co., Ltd. IMP5245 Datasheet HTML 2Page - A1 PROs co., Ltd. IMP5245 Datasheet HTML 3Page - A1 PROs co., Ltd. IMP5245 Datasheet HTML 4Page - A1 PROs co., Ltd. IMP5245 Datasheet HTML 5Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©
2002 IMP, Inc.
408-432-9100/www.impweb.com
3
IMP52
IMP52 45/46
45/46
Electrical Characteristics
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units
Termpwr Voltage
VTERM
3.0
5.25
V
Signal Line Voltage
0
5.0
V
Disconnect Input Voltage
0VTERM
V
Operating Junction Temperature Range — IMP5245/5246
0
70
°C
Unless otherwise specified, these specifications apply over the operating ambient temperature range of 0
°C ≤ TA ≤ 70°C. TermPwr = 3.3V,
DISCONNECT: IMP5245 = LOW, IMP5246 = HIGH. Low duty cycle pulse testing techniques are used which maintains junction and case
temperatures equal to the ambient temperature.
Note:
3. Open circuit failsafe voltage.
Note:
2. Range over which the device is functional.
Parameter
Symbol Conditions
Min
Typ
Max
Units
LVD Terminator Section
TermPwr Supply Current
All term lines = Open
20
25
mA
Power Down Mode
DISCONNECT: IMP5245 = HIGH, IMP5246 = LOW
5
10
µA
Common Mode Voltage
VOM
1.125
1.25
1.375
V
Offset Voltage
VOS
Open circuit between – and + (see Note 3)
100
112
125
mV
Differential Terminator
VOD = –1V to 1V
100
105
110
Ω
Impedance
Common Mode Impedance
0V to 2.5V
100
200
300
Ω
Output Capacitance
DISCONNECT: IMP5245 = HIGH, IMP5246 = LOW
2.5
pF
Output Leakage
DISCONNECT: IMP5245 = HIGH, IMP5246 = LOW,
VLINE = 0 to 4V, TA = 25
°C0
2
µA
DISCONNECT: IMP5245 = HIGH, IMP5246 = LOW,
VTERM = 0V, VLINE = 2.7V
1
µA
Mode Change Delay
DIFFSENSE = 1.4V to 0V
100
150
ms
DIFFSENSE Section
DIFFSENSE Output Voltage
1.2
1.3
1.4
V
DIFFSENSE Output Source
DIFFSENSE = 0V
5.0
15.0
mA
Current
DIFFSENSE Sink Current
VIN = 2.75V
200
µA
DIFFSENSE Output Leakage
DISCONNECT: IMP5245 = HIGH, IMP5246 = LOW,
10
µA
TA = 25
°C
DISCONNECT Section
DISCONNECT Threshold
0.8
2.0
V
Input Current
DISCONNECT: IMP5245 = 0V
10
µA
DISCONNECT: IMP5246 = 3.3V
10
µA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com