Electronic Components Datasheet Search
  English  ▼

X  

IMP5245 Datasheet(PDF) 2 Page - A1 PROs co., Ltd.

Part # IMP5245
Description  LVD SCSII Termiinattor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP5245 Datasheet(HTML) 2 Page - A1 PROs co., Ltd.

  IMP5245 Datasheet HTML 1Page - A1 PROs co., Ltd. IMP5245 Datasheet HTML 2Page - A1 PROs co., Ltd. IMP5245 Datasheet HTML 3Page - A1 PROs co., Ltd. IMP5245 Datasheet HTML 4Page - A1 PROs co., Ltd. IMP5245 Datasheet HTML 5Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
408-432-9100/www.impweb.com
©
2002 IMP, Inc.
Ordering Information
Absolute Maximum Ratings1
Thermal Data
Pin Configuration
IMP52
IMP52 45/46
45/46
IMP5245/46
1
NC
2
1+
3
1–
4
2+
VTERM
9–
9+
8–
24
23
22
21
5
2–
8+
20
6
3+
7–
19
7
3–
7+
18
8
4+
6–
17
9
4–
6+
16
10
DIFFB
5–
15
11
DIFFSENSE
5+
14
12
GND
DISC
13
5245/46_05.eps
Part Number
Temperature Range
Package
IMP5245CPW
0
°C to 70°C
24-Pin Plastic TSSOP
IMP5246CPW
0
°C to 70°C
24-Pin Plastic TSSOP
TermPwr Voltage . . . . . . . . . . . . . . . . . . . . . . . . +6.5V
Signal Line Voltage
. . . . . . . . . . . . . . . . . . . . . 0V to 6.5V
Differential Voltage . . . . . . . . . . . . . . . . . . . . . 0V to 6.5V
Operating Junction Temperature
Plastic (PW Package)
. . . . . . . . . . . . . . . . . 150
°C
Note:
1. Exceeding these ratings could cause damage to the device. All
voltages are with respect to Ground. Currents are positive
into, negative out of the specified terminal.
Storage Temperature Range . . . . . . . . . . . . . . –65
°C to 150°C
Lead Temperature (Soldering, 10 sec.) . . . . . . 300
°C
PW Package:
Thermal Resistance Junction-to-Ambient,
θJA . . . . . . 100°C/W
Junction Temperature Calculation: TJ = TA + (PD x
θJA).
The
θJA numbers are guidelines for the thermal performance of
the device/pc-board system. No ambient airflow is assumed.
TSSOP Package



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com