Electronic Components Datasheet Search
  English  ▼

X  

IMP809 Datasheet(PDF) 1 Page - A1 PROs co., Ltd.

Part # IMP809
Description  3-Pin Microcontroller Power Supply Supervisor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP809 Datasheet(HTML) 1 Page - A1 PROs co., Ltd.

  IMP809 Datasheet HTML 1Page - A1 PROs co., Ltd. IMP809 Datasheet HTML 2Page - A1 PROs co., Ltd. IMP809 Datasheet HTML 3Page - A1 PROs co., Ltd. IMP809 Datasheet HTML 4Page - A1 PROs co., Ltd. IMP809 Datasheet HTML 5Page - A1 PROs co., Ltd. IMP809 Datasheet HTML 6Page - A1 PROs co., Ltd. IMP809 Datasheet HTML 7Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Key Features
Applications
3-Pin Microcontroller
Power Supply Supervisor
x
Embedded controllers
x
Battery operated systems
x
Intelligent instruments
x
Wireless communication systems
x
PDAs and handheld equipment
x
Improved Maxim MAX809/MAX810 replacement
— Lower supply current…6µA
— 80% lower maximum supply current
x
Monitor 5V, 3.3V and 3V supplies
x
140ms min. reset pulse width
x
Active-low reset valid with 1.1V supply
(IMP809)
x
Small 3-pin SOT-23 package
x
No external components
x
Specified over full temperature range
— –40°C to 105°C
Block Diagrams
IMP809
(IMP810)
VCC
VCC
VCC
GND
GND
RESET
(RESET)
809/10_01.eps
µP
RESET
Input
The IMP809/IMP810 are 3.0V, 3.3V and 5.0V power supply supervisor cir-
cuits optimized for low-power microprocessor (µP), microcontroller (µC)
and digital systems. The IMP809/810 are improved drop-in replacements
for the Maxim MAX809/810 and feature 60% lower supply current.
A reset signal is issued if the power supply voltage drops below a preset
reset threshold and is asserted for at least 140ms after the supply has
risen above the reset threshold. The IMP809 has an active-low RESET
output that is guaranteed to be in the correct state for VCC down to 1.1V.
The IMP810 has an active-high RESET output. The reset comparator is
designed to ignore fast transients on VCC.
Low supply current makes the IMP809/IMP810 ideal for use in portable
and battery operated equipment. The IMP809/IMP810 are available in a
compact 3-pin SOT23 package.
Six voltage thresholds are available to support 3V to 5V systems:
IMP809, IMP8
IMP809, IMP81100
POWER MANAGEMENT
Reset Threshold
Suffix
Voltage (V)
L
4.63
M
4.38
J
4.00
T
3.08
S
2.93
R
2.63
IMP, Inc.
San Jose, CA
408-432-9100/www.impweb.com


Similar Part No. - IMP809

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP809 IMP-IMP809 Datasheet
167Kb / 7P
3-Pin Microcontroller Power Supply Supervisor
logo
TECH PUBLIC Electronics...
IMP809 TECHPUBLIC-IMP809 Datasheet
2Mb / 5P
3-Pin Microprocessor Reset Circuits
logo
IMP, Inc
IMP809JEUR-T IMP-IMP809JEUR-T Datasheet
167Kb / 7P
3-Pin Microcontroller Power Supply Supervisor
logo
TECH PUBLIC Electronics...
IMP809JEUR-TP TECHPUBLIC-IMP809JEUR-TP Datasheet
2Mb / 5P
3-Pin Microprocessor Reset Circuits
logo
IMP, Inc
IMP809LEUR-T IMP-IMP809LEUR-T Datasheet
167Kb / 7P
3-Pin Microcontroller Power Supply Supervisor
More results

Similar Description - IMP809

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5510 TI-TPS5510 Datasheet
91Kb / 6P
3-CHANNEL POWER SUPPLY SUPERVISOR
TPS5511 TI-TPS5511 Datasheet
118Kb / 8P
3-CHANNEL POWER SUPPLY SUPERVISOR
logo
IMP, Inc
IMP809 IMP-IMP809 Datasheet
167Kb / 7P
3-Pin Microcontroller Power Supply Supervisor
logo
Anpec Electronics Corop...
APW1683 ANPEC-APW1683 Datasheet
84Kb / 7P
3-Channel Power Supply Supervisor
APW1681 ANPEC-APW1681 Datasheet
82Kb / 7P
3-Channel Power Supply Supervisor
logo
Alliance Semiconductor ...
ASM809 ALSC-ASM809 Datasheet
220Kb / 10P
3 Pin Microcontroller Power Supply Supervisor
logo
IMP, Inc
IMP6303 IMP-IMP6303 Datasheet
144Kb / 8P
3-Pin Microcontroller Power Supply Supervisor
logo
Anpec Electronics Corop...
APW1680 ANPEC-APW1680 Datasheet
84Kb / 7P
3-Channel Power Supply Supervisor
logo
Texas Instruments
TLV809 TI1-TLV809 Datasheet
929Kb / 20P
3-Pin Supply Voltage Supervisor
TPS5510 TI1-TPS5510_05 Datasheet
119Kb / 7P
3-CHANNEL POWER SUPPLY SUPERVISOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com