Electronic Components Datasheet Search
  English  ▼

X  

IMP809 Datasheet(PDF) 3 Page - A1 PROs co., Ltd.

Part # IMP809
Description  3-Pin Microcontroller Power Supply Supervisor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP809 Datasheet(HTML) 3 Page - A1 PROs co., Ltd.

  IMP809 Datasheet HTML 1Page - A1 PROs co., Ltd. IMP809 Datasheet HTML 2Page - A1 PROs co., Ltd. IMP809 Datasheet HTML 3Page - A1 PROs co., Ltd. IMP809 Datasheet HTML 4Page - A1 PROs co., Ltd. IMP809 Datasheet HTML 5Page - A1 PROs co., Ltd. IMP809 Datasheet HTML 6Page - A1 PROs co., Ltd. IMP809 Datasheet HTML 7Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
IMP809, IMP8
IMP809, IMP81100
Parameter
Symbol Conditions
Min
Typ
Max
Units
Input Voltage (VCC) Range
VCC
TA = 0°C to 70°C
1.1
5.5
V
TA = – 40°C to 105°C
1.2
5.5
Supply Current
ICC
TA = – 40°C to 85°C
VCC < 5.5V, L/M/J
9
15
µA
TA = – 40°C to 85°C
VCC < 3.6V, R/S/T
6
10
TA = 85°C to 105°C
VCC < 5.5V, L/M/J
25
TA = 85°C to 105°C
VCC < 3.6V, R/S/T
20
Reset Threshold
VTH
L devices
TA = 25°C
4.56
4.63
4.70
V
TA = – 40°C to 85°C
4.50
4.75
TA = 85°C to 105°C
4.40
4.86
M devices
TA = 25°C
4.31
4.38
4.45
TA = – 40°C to 85°C
4.25
4.50
TA = 85°C to 105°C
4.16
4.56
J devices
TA = 25°C
3.93
4.00
4.06
TA = – 40°C to 85°C
3.89
4.10
TA = 85°C to 105°C
3.80
4.20
T devices
TA = 25°C
3.04
3.08
3.11
TA = – 40°C to 85°C
3.00
3.15
TA = 85°C to 105°C
2.92
3.23
S devices
TA = 25°C
2.89
2.93
2.96
TA = – 40°C to 85°C
2.85
3.00
TA = 85°C to 105°C
2.78
3.08
R devices
TA = 25°C
2.59
2.63
2.66
TA = – 40°C to 85°C
2.55
2.70
TA = 85°C to 105°C
2.50
2.76
Reset Threshold Stability
30
ppm/°C
VCC to Reset Delay
VCC = VTH to VTH - 100mV
20
µs
Reset Active Timeout Period
VOL
TA = – 40°C to 85°C
140
240
560
ms
TA = 85°C to 105°C
100
840
Low RESET Output Voltage (IMP809)
VOL
VCC = VTH min., ISINK = 1.2mA, IMP809R/S/T
0.3
V
VCC = VTH min., ISINK = 3.2mA, IMP809L/M/J
0.4
VCC > 1.1V, ISINK = 50µA
0.3
High RESET Output Voltage (IMP809)
VOH
VCC > VTH max., ISOURCE = 500µA, IMP809R/S/T 0.8VCC
V
VCC > VTH max., ISOURCE = 800µA, IMP809L/M/J VCC -1.5
Low RESET Output Voltage (IMP810)
VOL
VCC = VTH max., ISINK = 1.2mA, IMP810R/S/T
0.3
V
VCC = VTH max., ISINK = 3.2mA, IMP810L/M/J
0.4
High RESET Output Voltage (IMP810)
VOH
1.8V < VCC < VTH min., ISOURCE = 150µA
0.8VCC
V
Absolute Maximum Ratings
Pin Terminal Voltage with Respect to Ground
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to 6.0V
RESET, RESET . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to (VCC + 0.3V)
Input Current at VCC . . . . . . . . . . . . . . . . . . . 20mA
Output Current: RESET, RESET . . . . . . . . . 20mA
Rate of Rise at VCC . . . . . . . . . . . . . . . . . . . . 100V/µs
Power Dissipation (TA = 70°C) . . . . . . . . . . 320mW
(Derate 4mW/°C above 70°C)
Operating Temperature Range . . . . . . . . . . –40°C to 105°C
Storage Temperature Range . . . . . . . . . . . . . –65°C to 160°C
Lead Temperature (soldering, 10 sec) . . . . . 300°C
Electrical Characteristics
These are stress ratings only and functional operation is not implied.
Exposure to absolute maximum ratings for prolonged time periods may
affect device reliability
Unless otherwise noted VCC is over the full voltage range, TA = –40°C to 105°C.
Typical values at TA = 25°C, VCC = 5V for L/M/J devices, VCC = 3.3V for T/S devices and VCC = 3V for R devices.
Notes:
1. Production testing done at TA = 25°C. Over-temperature specifications guaranteed by design only.
2.
RESET output is active LOW for the IMP809 and RESET output is active HIGH for the IMP810



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com