Electronic Components Datasheet Search
  English  ▼

X  

IMP809 Datasheet(PDF) 4 Page - A1 PROs co., Ltd.

Part # IMP809
Description  3-Pin Microcontroller Power Supply Supervisor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP809 Datasheet(HTML) 4 Page - A1 PROs co., Ltd.

  IMP809 Datasheet HTML 1Page - A1 PROs co., Ltd. IMP809 Datasheet HTML 2Page - A1 PROs co., Ltd. IMP809 Datasheet HTML 3Page - A1 PROs co., Ltd. IMP809 Datasheet HTML 4Page - A1 PROs co., Ltd. IMP809 Datasheet HTML 5Page - A1 PROs co., Ltd. IMP809 Datasheet HTML 6Page - A1 PROs co., Ltd. IMP809 Datasheet HTML 7Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
IMP809, IMP8
IMP809, IMP81100
Pin Descriptions
Pin Number
Name
Function
1
GND
Ground
2
RESET
RESET is asserted LOW if VCC falls below the reset threshold and remains LOW for the
(IMP809)
240ms typical reset timeout period (140ms minimum) after VCC exceeds the threshold.
2
RESET
RESET is asserted HIGH if VCC falls below the reset threshold and remains HIGH for the
(IMP810)
240ms typical reset timeout period (140ms minimum) after VCC exceeds the threshold.
3
VCC
Power supply input voltage (3.0V, 3.3V, 5.0V)
5V
0V
5V
0V
VCC
VTH
RESET
140ms
minimum
Active Reset
Timeout Period
5V
0V
RESET
IMP809
IMP810
809/10_03.eps
Reset Timing
The reset signal is asserted–LOW for the IMP809 and HIGH for the
IMP810–when the VCC signal falls below the threshold trip voltage
and remains asserted for 140ms minimum after the VCC has risen
above the threshold.
Detailed Descriptions
Figure 1. Reset Timing Diagram



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com