Electronic Components Datasheet Search
  English  ▼

X  

SN65LVDT2DBV Datasheet(PDF) 6 Page - Texas Instruments

Part # SN65LVDT2DBV
Description  HIGH-SPEED DIFFERENTIAL LINE RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDT2DBV Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LVDT2DBV Datasheet HTML 2Page - Texas Instruments SN65LVDT2DBV Datasheet HTML 3Page - Texas Instruments SN65LVDT2DBV Datasheet HTML 4Page - Texas Instruments SN65LVDT2DBV Datasheet HTML 5Page - Texas Instruments SN65LVDT2DBV Datasheet HTML 6Page - Texas Instruments SN65LVDT2DBV Datasheet HTML 7Page - Texas Instruments SN65LVDT2DBV Datasheet HTML 8Page - Texas Instruments SN65LVDT2DBV Datasheet HTML 9Page - Texas Instruments SN65LVDT2DBV Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SN65LVDT2
HIGH-SPEED DIFFERENTIAL LINE RECEIVER
SLLS374B – JULY 1999 – REVISED JANUARY 2000
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VIB
VID
VIA
VO
CL
10 pF
VOH
VOL
1.4 V
VO
VIA
VIB
VID
1.4 V
1 V
0.4 V
0 V
– 0.4 V
tPHL
tPLH
tr
tf
0.4 V
2.4 V
With VCC = 3.3 V
VOH
VOL
1.2 V
VO
tr
tf
20%
80%
With VCC = 2.7 V
NOTE A: All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, pulse repetition rate (PRR) = 50 Mpps,
pulse width = 10
± 0.2 ns. CL includes instrumentation and fixture capacitance within 0,06 m of the D.U.T.
Figure 3. Timing Test Circuit and Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com