Electronic Components Datasheet Search
  English  ▼

X  

SN65LVDT2DBV Datasheet(PDF) 2 Page - Texas Instruments

Part # SN65LVDT2DBV
Description  HIGH-SPEED DIFFERENTIAL LINE RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDT2DBV Datasheet(HTML) 2 Page - Texas Instruments

  SN65LVDT2DBV Datasheet HTML 1Page - Texas Instruments SN65LVDT2DBV Datasheet HTML 2Page - Texas Instruments SN65LVDT2DBV Datasheet HTML 3Page - Texas Instruments SN65LVDT2DBV Datasheet HTML 4Page - Texas Instruments SN65LVDT2DBV Datasheet HTML 5Page - Texas Instruments SN65LVDT2DBV Datasheet HTML 6Page - Texas Instruments SN65LVDT2DBV Datasheet HTML 7Page - Texas Instruments SN65LVDT2DBV Datasheet HTML 8Page - Texas Instruments SN65LVDT2DBV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SN65LVDT2
HIGH-SPEED DIFFERENTIAL LINE RECEIVER
SLLS374B – JULY 1999 – REVISED JANUARY 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
equivalent input and output schematic diagrams
7 V
VCC
7 V
R Output
VCC
5
Ω
B Input
A Input
300 k
Ω
300 k
Ω
7 V
110
Ω
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage range, VCC (see Note 1)
–0.5 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range (A, B, or R)
–0.5 V to VCC+ 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic discharge: A, B , and GND (see Note 2)
CLass 3, A:15 kV, B:600 V
. . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See dissipation rating table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
250
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential I/O bus voltages are with respect to network ground terminal.
2. Tested in accordance with MIL-STD-883C Method 3015.7.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C†
TA = 85°C
POWER RATING
DBV
385 mW
3.1 mW/
°C
200 mW
† This is the inverse of the junction-to-ambient thermal resistance when board-mounted (low-K) and with
no air flow.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
2.4
3.3
3.6
V
Magnitude of differential input voltage,
VID
0.1
0.6
V
Common–mode input voltage, VIC (see Figure 6)
0
2.4
*
V
ID
2
V
g
IC (g
)
VCC–0.8
Operating free–air temperature, TA
–40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com