Electronic Components Datasheet Search
  English  ▼

X  

LTC2204 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2204
Description  16-Bit, 65Msps/40Msps
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2204 Datasheet(HTML) 2 Page - Linear Technology

  LTC2204 Datasheet HTML 1Page - Linear Technology LTC2204 Datasheet HTML 2Page - Linear Technology LTC2204 Datasheet HTML 3Page - Linear Technology LTC2204 Datasheet HTML 4Page - Linear Technology LTC2204 Datasheet HTML 5Page - Linear Technology LTC2204 Datasheet HTML 6Page - Linear Technology LTC2204 Datasheet HTML 7Page - Linear Technology LTC2204 Datasheet HTML 8Page - Linear Technology LTC2204 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LTC2205/LTC2204
2
22054fb
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
l
16
Bits
Integral Linearity Error
Differential Analog Input (Note 5)
l
±0.7
±4.5
LSB
Integral Linearity Error
Differential Analog Input (Note 5), TA = 25°C
±0.7
±4
LSB
Differential Linearity Error
Differential Analog Input
l
±0.3
±1
LSB
Offset Error
(Note 6)
l
±1
±8.5
mV
Offset Drift
±10
µV/°C
Gain Error
External Reference
l
±0.2
±1.9
%FS
Full-Scale Drift
Internal Reference
±30
ppm/°C
External Reference
±10
ppm/°C
Transition Noise
2.5
LSBRMS
PIN CONFIGURATION
CONVERTER CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDD)................................... –0.3V to 4V
Digital Output Ground Voltage (OGND)........ –0.3V to 1V
Analog Input Voltage (Note 3) ......–0.3V to (VDD + 0.3V)
Digital Input Voltage .....................–0.3V to (VDD + 0.3V)
Digital Output Voltage................ –0.3V to (OVDD + 0.3V)
Power Dissipation.............................................2000mW
Operating Temperature Range
LTC2205C/LTC2204C ............................... 0°C to 70°C
LTC2205I/LTC2204I.............................. –40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Digital Output Supply Voltage (OVDD).......... –0.3V to 4V
OVDD = VDD (Notes 1 and 2)
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
TOP VIEW
UK PACKAGE
48-LEAD (7mm
× 7mm) PLASTIC QFN
SENSE 1
VCM 2
VDD 3
VDD 4
GND 5
AIN+ 6
AIN– 7
GND 8
ENC+ 9
ENC– 10
GND 11
VDD 12
36 OVDD
35 D11
34 D10
33 D9
32 D8
31 OGND
30 CLKOUT+
29 CLKOUT–
28 D7
27 D6
26 D5
25 OVDD
49
EXPOSED PAD IS GND (PIN 49) MUST BE SOLDERED TO PCB BOARD
TJMAX = 150°C, θJA = 29°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2205CUK#PBF
LTC2205CUK#TRPBF
LTC2205UK
48-Lead (7mm x 7mm) Plastic DFN
0°C to 70°C
LTC2204CUK#PBF
LTC2204CUK#TRPBF
LTC2204UK
48-Lead (7mm x 7mm) Plastic DFN
0°C to 70°C
LTC2205IUK#PBF
LTC2205IUK#TRPBF
LTC2205UK
48-Lead (7mm x 7mm) Plastic DFN
–40°C to 85°C
LTC2204IUK#PBF
LTC2204IUK#TRPBF
LTC2204UK
48-Lead (7mm x 7mm) Plastic DFN
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2205CUK
LTC2205CUK#TR
LTC2205UK
48-Lead (7mm x 7mm) Plastic DFN
0°C to 70°C
LTC2204CUK
LTC2204CUK#TR
LTC2204UK
48-Lead (7mm x 7mm) Plastic DFN
0°C to 70°C
LTC2205IUK
LTC2205IUK#TR
LTC2205UK
48-Lead (7mm x 7mm) Plastic DFN
–40°C to 85°C
LTC2204IUK
LTC2204IUK#TR
LTC2204UK
48-Lead (7mm x 7mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com