Electronic Components Datasheet Search
  English  ▼

X  

LTC2204 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2204
Description  16-Bit, 65Msps/40Msps
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2204 Datasheet(HTML) 4 Page - Linear Technology

  LTC2204 Datasheet HTML 1Page - Linear Technology LTC2204 Datasheet HTML 2Page - Linear Technology LTC2204 Datasheet HTML 3Page - Linear Technology LTC2204 Datasheet HTML 4Page - Linear Technology LTC2204 Datasheet HTML 5Page - Linear Technology LTC2204 Datasheet HTML 6Page - Linear Technology LTC2204 Datasheet HTML 7Page - Linear Technology LTC2204 Datasheet HTML 8Page - Linear Technology LTC2204 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LTC2205/LTC2204
4
22054fb
DYNAMIC ACCURACY The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS unless otherwise noted. (Note 4)
SYMBOL PARAMETER
CONDITIONS
MIN
LTC2204
TYP
MAX
MIN
LTC2205
TYP
MAX
UNITS
SFDR
Spurious Free
Dynamic Range
4th Harmonic
or Higher
5MHz Input (2.25V Range, PGA = 0)
5MHz Input (1.5V Range, PGA = 1)
105
105
105
105
dB
dB
15MHz Input (2.25V Range, PGA = 0)
15MHz Input (1.5V Range, PGA = 1)
l
90
100
100
90
100
100
dB
dB
70MHz Input (2.25V Range, PGA = 0)
70MHz Input (1.5V Range, PGA = 1)
l
88.5
100
100
88.5
100
100
dB
dB
140MHz Input (2.25V Range, PGA = 0)
140MHz Input (1.5V Range, PGA = 1)
97
97
97
97
dB
dB
170MHz Input (2.25V Range, PGA = 0)
170MHz Input (1.5V Range, PGA = 1)
95
95
95
95
dB
dB
S/(N+D)
Signal-to-Noise
Plus Distortion Ratio
5MHz Input (2.25V Range, PGA = 0)
5MHz Input (1.5V Range, PGA = 1)
79.1
76.5
79.0
76.4
dBFS
dBFS
15MHz Input (2.25V Range, PGA = 0)
15MHz Input (2.25V Range, PGA = 0)
15MHz Input (1.5V Range, PGA = 1)
l
77.5
77.7
79.0
79.0
76.5
77.4
77.6
78.9
78.9
76.4
dBFS
dBFS
dBFS
70MHz Input (2.25V Range, PGA = 0)
70MHz Input (1.5V Range, PGA = 1)
70MHz Input (1.5V Range, PGA = 1)
l
73.8
74.2
78.5
76.2
76.2
73.8
74.2
78.4
76.2
76.2
dBFS
dBFS
dBFS
140MHz Input (2.25V Range, PGA = 0)
140MHz Input (1.5V Range, PGA = 1)
77.3
75.4
77.0
75.3
dBFS
dBFS
170MHz Input (2.25V Range, PGA = 0)
170MHz Input (1.5V Range, PGA = 1)
76.5
75.4
76.0
75.2
dBFS
dBFS
SFDR
Spurious Free
Dynamic Range
at –25dBFS
Dither “OFF”
5MHz Input (2.25V Range, PGA = 0)
5MHz Input (1.5V Range, PGA = 1)
105
105
105
105
dBFS
dBFS
15MHz Input (2.25V Range, PGA = 0)
15MHz Input (1.5V Range, PGA = 1)
105
105
105
105
dBFS
dBFS
70MHz Input (2.25V Range, PGA = 0)
70MHz Input (1.5V Range, PGA = 1)
105
105
105
105
dBFS
dBFS
140MHz Input (2.25V Range, PGA = 0)
140MHz Input (1.5V Range, PGA = 1)
100
100
100
100
dBFS
dBFS
170MHz Input (2.25V Range, PGA = 0)
170MHz Input (1.5V Range, PGA = 1)
100
100
100
100
dBFS
dBFS
SFDR
Spurious Free
Dynamic Range
at –25dBFS
Dither “ON”
5MHz Input (2.25V Range, PGA = 0)
5MHz Input (1.5V Range, PGA = 1)
115
115
115
115
dBFS
dBFS
15MHz Input (2.25V Range, PGA = 0)
15MHz Input (1.5V Range, PGA = 1)
l
98
115
115
98
115
115
dBFS
dBFS
70MHz Input (2.25V Range, PGA = 0)
70MHz Input (1.5V Range, PGA = 1)
115
115
115
115
dBFS
dBFS
140MHz Input (2.25V Range, PGA = 0)
140MHz Input (1.5V Range, PGA = 1)
115
115
115
115
dBFS
dBFS
170MHz Input (2.25V Range, PGA = 0)
170MHz Input (1.5V Range, PGA = 1)
105
105
105
105
dBFS
dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com