Electronic Components Datasheet Search
  English  ▼

X  

LTC2238 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2238
Description  10-Bit, 65/40/25Msps Low Noise 3V ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2238 Datasheet(HTML) 1 Page - Linear Technology

  LTC2238 Datasheet HTML 1Page - Linear Technology LTC2238 Datasheet HTML 2Page - Linear Technology LTC2238 Datasheet HTML 3Page - Linear Technology LTC2238 Datasheet HTML 4Page - Linear Technology LTC2238 Datasheet HTML 5Page - Linear Technology LTC2238 Datasheet HTML 6Page - Linear Technology LTC2238 Datasheet HTML 7Page - Linear Technology LTC2238 Datasheet HTML 8Page - Linear Technology LTC2238 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC2238/LTC2237/LTC2236
1
223876fa
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
■ Sample Rate: 65Msps/40Msps/25Msps
■ Single 3V Supply (2.7V to 3.4V)
■ Low Power: 205mW/120mW/75mW
■ 61.8dB SNR
■ 85dB SFDR
■ No Missing Codes
■ Flexible Input: 1VP-P to 2VP-P Range
■ 575MHz Full Power Bandwidth S/H
■ Clock Duty Cycle Stabilizer
■ Shutdown and Nap Modes
■ Pin Compatible Family:
125Msps: LTC2251 (10-Bit), LTC2253 (12-Bit)
105Msps: LTC2250 (10-Bit), LTC2252 (12-Bit)
80Msps: LTC2239 (10-Bit), LTC2229 (12-Bit)
65Msps: LTC2238 (10-Bit), LTC2228 (12-Bit)
40Msps: LTC2237 (10-Bit), LTC2227 (12-Bit)
25Msps: LTC2236 (10-Bit), LTC2226 (12-Bit)
■ 32-Pin (5mm
× 5mm) QFN Package
10-Bit, 65/40/25Msps
Low Noise 3V ADCs
The LTC
®2238/LTC2237/LTC2236 are 10-bit 65Msps/
40Msps/25Msps, low power 3V A/D converters designed
for digitizing high frequency, wide dynamic range signals.
The LTC2238/LTC2237/LTC2236 are perfect for demand-
ing imaging and communications applications with AC
performance that includes 61.8dB SNR and 85dB SFDR
for signals at the Nyquist frequency.
DC specs include
±0.1LSB INL (typ), ±0.05LSB DNL (typ)
and
±0.5LSB INL, ±0.5LSB DNL over temperature. The
transition noise is a low 0.07LSBRMS.
A single 3V supply allows low power operation. A separate
output supply allows the outputs to drive 0.5V to 3.6V
logic.
A single-ended CLK input controls converter operation. An
optional clock duty cycle stabilizer allows high perfor-
mance at full speed for a wide range of clock duty cycles.
LTC2238: SNR vs Input Frequency,
–1dB, 2V Range, 65Msps
■ Wireless and Wired Broadband Communication
■ Imaging Systems
■ Ultrasound
■ Spectral Analysis
■ Portable Instrumentation
INPUT FREQUENCY (MHz)
0
59.5
60.5
200
223876 G09
58.5
57.5
50
100
150
62.5
61.5
–
+
INPUT
S/H
CORRECTION
LOGIC
OUTPUT
DRIVERS
10-BIT
PIPELINED
ADC CORE
CLOCK/DUTY
CYCLE
CONTROL
FLEXIBLE
REFERENCE
D9
•
•
•
D0
CLK
REFH
REFL
ANALOG
INPUT
223876 TA01
OVDD
OGND
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC2238

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2238 LINER-LTC2238_15 Datasheet
703Kb / 28P
10-Bit, 65/40/25Msps Low Noise 3V ADCs
More results

Similar Description - LTC2238

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2288 LINER-LTC2288 Datasheet
875Kb / 28P
Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2228 LINER-LTC2228 Datasheet
426Kb / 28P
12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2227 LINER-LTC2227_15 Datasheet
434Kb / 28P
12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2236 LINER-LTC2236_15 Datasheet
703Kb / 28P
10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2237 LINER-LTC2237_15 Datasheet
703Kb / 28P
10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2238 LINER-LTC2238_15 Datasheet
703Kb / 28P
10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2246 LINER-LTC2246_15 Datasheet
781Kb / 24P
14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2286 LINER-LTC2286_15 Datasheet
964Kb / 28P
Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2287 LINER-LTC2287_15 Datasheet
964Kb / 28P
Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2288 LINER-LTC2288_15 Datasheet
964Kb / 28P
Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com