Electronic Components Datasheet Search
  English  ▼

X  

LTC2238 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2238
Description  10-Bit, 65/40/25Msps Low Noise 3V ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2238 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2238 Datasheet HTML 14Page - Linear Technology LTC2238 Datasheet HTML 15Page - Linear Technology LTC2238 Datasheet HTML 16Page - Linear Technology LTC2238 Datasheet HTML 17Page - Linear Technology LTC2238 Datasheet HTML 18Page - Linear Technology LTC2238 Datasheet HTML 19Page - Linear Technology LTC2238 Datasheet HTML 20Page - Linear Technology LTC2238 Datasheet HTML 21Page - Linear Technology LTC2238 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTC2238/LTC2237/LTC2236
18
223876fa
VCM
REFH
SENSE
TIE TO VDD FOR 2V RANGE;
TIE TO VCM FOR 1V RANGE;
RANGE = 2 • VSENSE FOR
0.5V < VSENSE < 1V
1.5V
REFL
2.2
µF
2.2
µF
INTERNAL ADC
HIGH REFERENCE
BUFFER
0.1
µF
223876 F09
4
Ω
DIFF AMP
1
µF
1
µF
INTERNAL ADC
LOW REFERENCE
1.5V BANDGAP
REFERENCE
1V
0.5V
RANGE
DETECT
AND
CONTROL
LTC2238/LTC2237/LTC2236
Figure 9. Equivalent Reference Circuit
APPLICATIO S I FOR ATIO
Reference Operation
Figure 9 shows the LTC2238/LTC2237/LTC2236 reference
circuitry consisting of a 1.5V bandgap reference, a differ-
ence amplifier and switching and control circuit. The inter-
nal voltage reference can be configured for two pin select-
able input ranges of 2V (
±1V differential) or 1V (±0.5V dif-
ferential). Tying the SENSE pin to VDD selects the 2V range;
tying the SENSE pin to VCM selects the 1V range.
The 1.5V bandgap reference serves two functions: its output
provides a DC bias point for setting the common mode
voltage of any external input circuitry; additionally, the
reference is used with a difference amplifier to generate the
differential reference levels needed by the internal ADC
circuitry. An external bypass capacitor is required for the
1.5V reference output, VCM. This provides a high frequency
low impedance path to ground for internal and external
circuitry.
The difference amplifier generates the high and low refer-
ence for the ADC. High speed switching circuits are
connected to these outputs and they must be externally
bypassed. Each output has two pins. The multiple output
pins are needed to reduce package inductance. Bypass
capacitors must be connected as shown in Figure 9.
Other voltage ranges in-between the pin selectable ranges
can be programmed with two external resistors as shown
in Figure 10. An external reference can be used by applying
its output directly or through a resistor divider to SENSE.
It is not recommended to drive the SENSE pin with a logic
device. The SENSE pin should be tied to the appropriate
level as close to the converter as possible. If the SENSE pin
is driven externally, it should be bypassed to ground as
close to the device as possible with a 1
µF ceramic capacitor.
Figure 10. 1.5V Range ADC
VCM
SENSE
1.5V
0.75V
2.2
µF
12k
1
µF
12k
223876 F10
LTC2238
LTC2237
LTC2236



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com