Electronic Components Datasheet Search
  English  ▼

X  

4N32 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 4N32
Description  STANDARD THRU HOLE CASE 730A-04
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

4N32 Datasheet(HTML) 1 Page - Motorola, Inc

  4N32 Datasheet HTML 1Page - Motorola, Inc 4N32 Datasheet HTML 2Page - Motorola, Inc 4N32 Datasheet HTML 3Page - Motorola, Inc 4N32 Datasheet HTML 4Page - Motorola, Inc 4N32 Datasheet HTML 5Page - Motorola, Inc 4N32 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Optoelectronics Device Data
6-Pin DIP Optoisolators
Darlington Output
The 4N29/A, 4N30, 4N31, 4N32(1) and 4N33(1) devices consist of a gallium
arsenide infrared emitting diode optically coupled to a monolithic silicon
photodarlington detector.
This series is designed for use in applications requiring high collector output
currents at lower input currents.
• Higher Sensitivity to Low Input Drive Current
• Meets or Exceeds All JEDEC Registered Specifications
• To order devices that are tested and marked per VDE 0884 requirements, the
suffix “V” must be included at end of part number. VDE 0884 is a test option.
Applications
• Low Power Logic Circuits
• Interfacing and coupling systems of different potentials and impedances
• Telecommunications Equipment
• Portable Electronics
• Solid State Relays
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
INPUT LED
Reverse Voltage
VR
3
Volts
Forward Current — Continuous
IF
60
mA
LED Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
120
1.41
mW
mW/
°C
OUTPUT DETECTOR
Collector–Emitter Voltage
VCEO
30
Volts
Emitter–Collector Voltage
VECO
5
Volts
Collector–Base Voltage
VCBO
30
Volts
Collector Current — Continuous
IC
150
mA
Detector Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
150
1.76
mW
mW/
°C
TOTAL DEVICE
Isolation Surge Voltage(2)
(Peak ac Voltage, 60 Hz, 1 sec Duration)
VISO
7500
Vac(pk)
Total Device Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
250
2.94
mW
mW/
°C
Ambient Operating Temperature Range(3)
TA
– 55 to +100
°C
Storage Temperature Range(3)
Tstg
– 55 to +150
°C
Soldering Temperature (10 sec, 1/16
″ from case)
TL
260
°C
1. Difference in 4N32 and 4N33 is JEDEC Registration for VISO only. All Motorola 6–Pin devices
exceed JEDEC specification and are 7500 Vac(pk). The same applies for 4N29 and 4N30.
2. Isolation surge voltage is an internal device dielectric breakdown rating. For this test, Pins 1 and
2 are common, and Pins 4, 5 and 6 are common.
3. Refer to Quality and Reliability Section in Opto Data Book for information on test conditions.
Preferred devices are Motorola recommended choices for future use and best overall value.
GlobalOptoisolator is a trademark of Motorola, Inc.
Order this document
by 4N29/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
GlobalOptoisolator
™
4N29
4N29A
4N30
4N31
4N32
4N33
*Motorola Preferred Devices
SCHEMATIC
[CTR = 100% Min]*
[CTR = 500% Min]
STANDARD THRU HOLE
CASE 730A–04
STYLE 1 PLASTIC
*
*
[CTR = 50% Min]
PIN 1. LED ANODE
2. LED CATHODE
3. N.C.
4. EMITTER
5. COLLECTOR
6. BASE
1
2
3
6
5
4
6
1
© Motorola, Inc. 1995
REV 4


Similar Part No. - 4N32

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N32 VISHAY-4N32 Datasheet
90Kb / 7P
Optocoupler with Photodarlington Output
26-Jan-05
logo
QT Optoelectronics
4N32 QT-4N32 Datasheet
136Kb / 6P
GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
logo
Siemens Semiconductor G...
4N32 SIEMENS-4N32 Datasheet
44Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
logo
Toshiba Semiconductor
4N32 TOSHIBA-4N32 Datasheet
301Kb / 6P
TOSHBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
01-Jun-2001
logo
Fairchild Semiconductor
4N32 FAIRCHILD-4N32 Datasheet
222Kb / 13P
General Purpose 6-Pin Photodarlington Optocoupler
More results

Similar Description - 4N32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N5208 MOTOROLA-2N5208 Datasheet
297Kb / 5P
CASE 29-04,STYLE 2 TO-92(TO-226AA)
2N7000 MOTOROLA-2N7000 Datasheet
77Kb / 4P
CASE 29-04, STYLE 22 TO-92 (TO-226AA)
4N35 MOTOROLA-4N35 Datasheet
276Kb / 6P
STANDARD THRU HOLE CASE 730A-04
4N38 MOTOROLA-4N38 Datasheet
293Kb / 6P
STANDARD THRU HOLE CASE 730A-04
logo
Mercury United Electron...
H49 MERCURY-H49 Datasheet
115Kb / 1P
Thru - Hole Crystals
HUS MERCURY-HUS Datasheet
104Kb / 1P
Thru - Hole Crystals
logo
XFMRS Inc.
1004 XFMRS-1004 Datasheet
38Kb / 1P
DUAL THRU HOLE
logo
E-SWITCH
04-SRJ10 E-SWITCH-04-SRJ10 Datasheet
79Kb / 1P
04-SRJ10
logo
3M Electronics
529-04-50 3M-529-04-50 Datasheet
57Kb / 1P
3M??Adapter 529-04-50, 110-120 VAC, 1 EA/Case
logo
GardTec, Inc.
SC40-P10 GARDTEC-SC40-P10 Datasheet
25Kb / 1P
Thru-hole Plastic
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com