Electronic Components Datasheet Search
  English  ▼

X  

4N32 Datasheet(PDF) 2 Page - Motorola, Inc

Part # 4N32
Description  STANDARD THRU HOLE CASE 730A-04
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

4N32 Datasheet(HTML) 2 Page - Motorola, Inc

  4N32 Datasheet HTML 1Page - Motorola, Inc 4N32 Datasheet HTML 2Page - Motorola, Inc 4N32 Datasheet HTML 3Page - Motorola, Inc 4N32 Datasheet HTML 4Page - Motorola, Inc 4N32 Datasheet HTML 5Page - Motorola, Inc 4N32 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4N29 4N29A 4N30 4N31 4N32 4N33
2
Motorola Optoelectronics Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)(1)
Characteristic
Symbol
Min
Typ(1)
Max
Unit
INPUT LED
*Reverse Leakage Current (VR = 3 V, RL = 1 M ohms)
IR
—
0.05
100
µA
*Forward Voltage (IF = 10 mA)
VF
—
1.34
1.5
Volts
Capacitance (VR = 0 V, f = 1 MHz)
C
—
1.8
—
pF
OUTPUT DETECTOR (TA = 25°C and IF = 0, unless otherwise noted)
*Collector–Emitter Dark Current
(VCE = 10 V, Base Open)
ICEO
—
—
100
nA
*Collector–Base Breakdown Voltage
(IC = 100 µA, IE = 0)
V(BR)CBO
30
—
—
Volts
*Collector–Emitter Breakdown Voltage
(IC = 100 µA, IB = 0)
V(BR)CEO
30
—
—
Volts
*Emitter–Collector Breakdown Voltage
(IE = 100 µA, IB = 0)
V(BR)ECO
5
—
—
Volts
DC Current Gain
(VCE = 5 V, IC = 500 µA)
hFE
—
16K
—
—
COUPLED (TA = 25°C unless otherwise noted)
*Collector Output Current (3)
4N32, 4N33
(VCE = 10 V, IF = 10 mA)
4N29, 4N30
4N31
IC (CTR)(2)
50 (500)
10 (100)
5 (50)
—
—
—
—
—
—
mA (%)
Isolation Surge Voltage(4,5)
4N29/A, 4N30, 31, 32, 33
(60 Hz ac Peak, 1 Second)
*4N29, 4N32
*4N30, 4N31, 4N33
VISO
7500
2500
1500
—
—
—
—
—
—
Vac(pk)
Isolation Resistance(4)
(V = 500 V)
RISO
—
1011
—
Ohms
*Collector–Emitter Saturation Voltage(3)
4N31
(IC = 2 mA, IF = 8 mA)
4N29, 4N30, 4N32, 4N33
VCE(sat)
—
—
—
—
1.2
1
Volts
Isolation Capacitance(4)
(V = 0 V, f = 1 MHz)
CISO
—
0.2
—
pF
Turn–On Time(6)
(IC = 50 mA, IF = 200 mA, VCC = 10 V)
ton
—
0.6
5
µs
Turn–Off Time(6)
(IC = 50 mA, IF = 200 mA, VCC = 10 V) 4N29, 30, 31
4N32, 33
toff
—
—
17
45
40
100
µs
* Indicates JEDEC Registered Data. All Motorola 6–pin devices have VISO rating of 7500 Vac(pk).
1. Always design to the specified minimum/maximum electrical limits (where applicable).
2. Current Transfer Ratio (CTR) = IC/IF x 100%.
3. Pulse Test: Pulse Width = 300
µs, Duty Cycle p 2%.
4. For this test, Pins 1 and 2 are common and Pins 4, 5 and 6 are common.
5. Isolation Surge Voltage, VISO, is an internal device dielectric breakdown rating.
6. For test circuit setup and waveforms, refer to Figure 11.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com