Electronic Components Datasheet Search
  English  ▼

X  

4N32 Datasheet(PDF) 3 Page - Motorola, Inc

Part # 4N32
Description  STANDARD THRU HOLE CASE 730A-04
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

4N32 Datasheet(HTML) 3 Page - Motorola, Inc

  4N32 Datasheet HTML 1Page - Motorola, Inc 4N32 Datasheet HTML 2Page - Motorola, Inc 4N32 Datasheet HTML 3Page - Motorola, Inc 4N32 Datasheet HTML 4Page - Motorola, Inc 4N32 Datasheet HTML 5Page - Motorola, Inc 4N32 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4N29 4N29A 4N30 4N31 4N32 4N33
3
Motorola Optoelectronics Device Data
TYPICAL CHARACTERISTICS
TA = 25°C
TA = –55°C THRU
+70
°C
+100
°C
+25
°C
Figure 1. LED Forward Voltage versus Forward Current
Figure 2. Output Current versus Input Current
2
1.8
1.6
1.4
1.2
1
1
10
100
1000
IF, LED FORWARD CURRENT (mA)
25
°C
100
°C
10
1
0.1
0.01
0.5
1
2
5
10
20
50
IF, LED INPUT CURRENT (mA)
NORMALIZED TO: IF = 10 mA
TA = –55°C
PULSE ONLY
PULSE OR DC
20
0
Figure 3. Collector Current versus
Collector–Emitter Voltage
0
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
40
60
80
100
120
140
1
2
3
4
5
6
7
8
9
10
5 mA
2 mA
1 mA
10
7
5
2
1
0.7
0.5
0.2
0.1
–60
Figure 4. Output Current versus Ambient Temperature
–40
–20
0
20
40
60
80
100
TA, AMBIENT TEMPERATURE (°C)
–60
Figure 5. Collector–Emitter Voltage versus
Ambient Temperature
0.7
TA, AMBIENT TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
0.8
0.9
1
1.1
1.2
1.3
0
Figure 6. Collector–Emitter Dark Current versus
Ambient Temperature
1
TA, AMBIENT TEMPERATURE (°C)
10
102
103
104
105
20
40
60
80
100
NORMALIZED TO: VCE = 10 V
NORMALIZED TO: TA = 25°C
30 V
10 V
IF = 10 mA
NORMALIZED TO TA = 25°C
NORMALIZED TO TA = 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com