Electronic Components Datasheet Search
  English  ▼

X  

AP3902 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP3902
Description  LOW POWER PWM SWITCH FOR OFF-LINE SMPS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3902 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP3902 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LOW POWER PWM SWITCH FOR OFF-LINE SMPS
AP3902
Data Sheet
4
BCD Semiconductor Manufacturing Limited
Sep. 2008 Rev. 1.0
Parameter
Symbol
Value
Unit
Collector Pin Voltage
VCES
700
V
Voltage at the Emitter of Internal NPN Transistor
VE
-0.3 to 40
V
Supply Voltage
VCC
-0.3 to 6.3
V
Analog Input at VS
VS
-0.3 to 6.3
V
VA Pin Voltage
VA
-0.3 to 40
V
Continuous Collector Current
1
A
Power Dissipation
1.3
W
Operating Junction Temperature
150
oC
Storage Temperature
-65 to 150
oC
Lead Temperature (Soldering, 10s)
300
oC
ESD (Human Body Model)
3000
V
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Absolute Maximum Ratings (Note 1)
Package
Temperature
Range
Part Number
Marking ID
Packing Type
Lead Free
Green
Lead Free
Green
DIP-8
-40 to 85oC
AP3902P-E1
AP3902P-G1
AP3902P-E1
AP3902P-G1
Tube
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant. Products with
"G1" suffix are available in green packages.
Ordering Information
Circuit Type
E1: Lead Free
AP3902
-
Blank: Tube
Package
P: DIP-8
G1: Green



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com